Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4932-2YCPZ-R7
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4932-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 20 of 28
APPLICATIONS INFORMATION
ANALYZING AN APPLICATION CIRCUIT
The ADA4932-x uses high open-loop gain and negative feedback
to force its differential and common-mode output voltages in
such a way as to minimize the differential and common-mode
error voltages. The differential error voltage is defined as the
voltage between the differential inputs labeled +IN and −IN
(see Figure 55). For most purposes, this voltage can be assumed
to be zero. Similarly, the difference between the actual output
common-mode voltage and the voltage applied to VOCM can also
be assumed to be zero. Starting from these principles, any applica-
tion circuit can be analyzed.
SETTING THE CLOSED-LOOP GAIN
Using the approach described in the Analyzing an Application
Circuit section, the differential gain of the circuit in Figure 55
can be determined by
G
F
dm
IN
dm
OUT
R
R
V
V
=
,
,
This presumes that the input resistors (RG) and feedback resistors
(RF) on each side are equal.
ESTIMATING THE OUTPUT NOISE VOLTAGE
The differential output noise of the ADA4932-x can be
estimated using the noise model in Figure 56. The input-
referred noise voltage density, vnIN, is modeled as a differential
input, and the noise currents, inIN− and inIN+, appear between
each input and ground. The output voltage due to vnIN is obtained
by multiplying vnIN by the noise gain, GN (defined in the GN
equation that follows). The noise currents are uncorrelated with
the same mean-square value, and each produces an output voltage
that is equal to the noise current multiplied by the associated
feedback resistance. The noise voltage density at the VOCM pin is
vnCM. When the feedback networks have the same feedback factor,
as is true in most cases, the output noise due to vnCM is common
mode. Each of the four resistors contributes (4kTRxx)1/2. The
noise from the feedback resistors appears directly at the output,
and the noise from the gain resistors appears at the output multip-
lied by RF/RG. Table 11 summarizes the input noise sources, the
multiplication factors, and the output-referred noise density terms.
ADA4932-x
+
RF2
VnOD
VnCM
VOCM
VnIN
RF1
RG2
RG1
VnRF1
VnRF2
VnRG1
VnRG2
inIN+
inIN–
Figure 56. Noise Model
Table 11. Output Noise Voltage Density Calculations for Matched Feedback Networks
Input Noise Contribution
Input Noise Term
Input Noise
Voltage Density
Output
Multiplication Factor
Differential Output Noise
Voltage Density Term
Differential Input
v
nIN
v
nIN
G
N
v
nO1 = GN(vnIN)
Inverting Input
i
nIN−
i
nIN− × (RF2)
1
v
nO2 = (inIN−)(RF2)
Noninverting Input
i
nIN+
i
nIN+ × (RF1)
1
v
nO3 = (inIN+)(RF1)
V
OCM Input
v
nCM
v
nCM
0
v
nO4 = 0 V
Gain Resistor, R
G1
v
nRG1
(4kTR
G1)
1/2
R
F1/RG1
v
nO5 = (RF1/RG1)(4kTRG1)
1/2
Gain Resistor, R
G2
v
nRG2
(4kTR
G2)
1/2
R
F2/RG2
v
nO6 = (RF2/RG2)(4kTRG2)
1/2
Feedback Resistor, R
F1
v
nRF1
(4kTR
F1)
1/2
1
v
nO7 = (4kTRF1)
1/2
Feedback Resistor, R
F2
v
nRF2
(4kTR
F2)
1/2
1
v
nO8 = (4kTRF2)
1/2
Table 12. Differential Input, DC-Coupled
Nominal Gain (dB)
R
F (Ω)
R
G (Ω)
R
IN, dm (Ω)
Differential Output Noise Density (nV/ √Hz)
0
499
499
998
9.25
6
499
249
498
12.9
10
768
243
486
18.2
Table 13. Single-Ended Ground-Referenced Input, DC-Coupled, RS = 50 Ω
Nominal Gain (dB)
R
F (Ω)
R
G1 (Ω)
R
T (Ω) (Std
1%)
R
IN, cm (Ω)
R
G2 (Ω)
1
Differential Output Noise Density (nV/√Hz)
0
511
499
53.6
665
525
9.19
6
523
249
57.6
374
276
12.6
10
806
243
57.6
392
270
17.7
1 R
G2 = RG1 + (RS||RT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com