Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4932-2YCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4932-2YCPZ-R7
Description  Low Power Differential ADC Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-2YCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4932-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4932-2YCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 23 of 28
4. The feedback resistor value is modified as a final gain
adjustment to obtain the desired output voltage.
To make the output voltage VOUT = 1 V p-p, calculate RF
using the following formula:
(
)(
) (
)(
)
Ω
=
−
Ω
−
=
+
=
509
03
.
1
5
.
524
1
,
p
p
V
p
p
V
V
R
R
V
Desired
R
TH
TS
G
dm
OUT
F
The closest standard 1% value to 509 Ω is 511 Ω, which
gives a differential output voltage of 1.00 V p-p.
The final circuit is shown in Figure 63.
ADA4932-x
RL
VOUT, dm
1.00V p-p
+VS
–VS
RS
50
Ω
RG
499
Ω
RG
499
Ω
RF
511
Ω
RF
511
Ω
VOCM
VS
2V p-p
1V p-p
RT
53.6
Ω
RTS
25.5
Ω
Figure 63. Terminated Single-Ended-to-Differential System with G = 2
INPUT COMMON-MODE VOLTAGE RANGE
The ADA4932-x input common-mode range is shifted down
by approximately one VBE, in contrast to other ADC drivers
with centered input ranges such as the ADA4939-x. The
downward-shifted input common-mode range is especially
suited to dc-coupled, single-ended-to-differential, and single-
supply applications.
For ±5 V operation, the input common-mode range at the
summing nodes of the amplifier is specified as −4.8 V to +3.2 V,
and is specified as +0.2 V to +3.2 V with a +5 V supply. To
avoid nonlinearities, the voltage swing at the +IN and −IN
terminals must be confined to these ranges.
INPUT AND OUTPUT CAPACITIVE AC COUPLING
While the ADA4932-x is best suited to dc-coupled applications,
it is nonetheless possible to use it in ac-coupled circuits. Input
ac coupling capacitors can be inserted between the source and
RG. This ac coupling blocks the flow of the dc common-mode
feedback current and causes the ADA4932-x dc input common-
mode voltage to equal the dc output common-mode voltage.
These ac coupling capacitors must be placed in both loops to keep
the feedback factors matched. Output ac coupling capacitors can
be placed in series between each output and its respective load.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the ADA4932-x is internally biased with a vol-
tage divider comprised of two 50 kΩ resistors across the supplies,
with a tap at a voltage approximately equal to the midsupply
point, [(+VS) + (−VS)]/2. Because of this internal divider, the
VOCM pin sources and sinks current, depending on the externally
applied voltage and its associated source resistance. Relying on
the internal bias results in an output common-mode voltage
that is within about 100 mV of the expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source or resistor divider be used with source resistance less
than 100 Ω. If an external voltage divider consisting of equal
resistor values is used to set VOCM to midsupply with greater
accuracy than produced internally, higher values can be used
because the external resistors are placed in parallel with the
internal resistors. The output common-mode offset listed in the
Specifications section assumes that the VOCM input is driven by a
low impedance voltage source.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC; however, care must be taken to
ensure that the output has sufficient drive capability. The input
impedance of the VOCM pin is approximately 10 kΩ.If multiple
ADA4932-x devices share one ADC reference output, a buffer
may be necessary to drive the parallel inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com