Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5360XCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5360XCPZ-R7
Description  Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5360XCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5360XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Technical Data
ADL5360
REV. PrA | Page 3 of 9
ADL5360—Specifications at VS=3.3v
Table 2. VS = 3.3 V, TA = 25°C, fRF = 900 MHz, fLO = 703 MHz, LO power = 0 dBm, Zo = 50Ω, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Gain
Including 4:1 IF port transformer and PCB loss
9.5
dB
Voltage Conversion Gain
ZSOURCE = 50
Ω, Differential Z
LOAD
= 200
Ω
Differential
16
dB
SSB Noise Figure
Including 4:1 IF port transformer and PCB loss
8.6
dB
Input Third Order Intercept
fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz,
each RF tone at -10 dBm
19
dBm
Input Second Order Intercept
fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz,
each RF tone at -10 dBm
50
dBm
Input 1 dB Compression Point
6
dBm
POWER INTERFACE
Supply Voltage
3.0
3.3
3.6
V
Quiescent Current
Resistor Programmable
265
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com