Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5360XCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5360XCPZ-R7
Description  Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5360XCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5360XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Technical Data
ADL5360
REV. PrA | Page 5 of 9
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
MNIN
RF Input for Main Channel. Internally matched to 50
Ω. Must be ac-coupled.
2
MNCT
Center Tap for Main Channel Input Balun. Should be bypassed to ground using low inductance capacitor.
3, 5, 7,
12, 20,
34
COMM
Device Common (DC Ground).
4,, 6, 10,
16, 21,
30, 36
VPOS
Positive Supply Voltage.
8
DVCT
Center Tap for Diversity Channel Input Balun. Should be bypassed to ground using low inductance capacitor.
9
DVIN
RF Input for Diversity Channel. Internally matched to 50
Ω. Must be ac-coupled.
11
DVGM
Diverstiy Amplifier Bias Setting. Connect 1.2k
Ω resistor to ground for typical operation.
13, 14
DVOP, DVON
Diversity Channel Differential Open-Collector Outputs. DVOP and DVON should be pulled-up to VCC using
pull-up choke inductors.
15
DVLE
Diversity Channel External Inductor. Connect 10nH inductor to ground for typical operation.
17
DVLG
Diverstiy Channel LO Buffer Bias Setting. Connect 390
Ω resistor to ground for typical operation.
18, 28
NC
No Connect.
19,
L0I1
Local Oscillator Input 1. Internally matched to 50
Ω. Must be ac-coupled.
22
PWDN
Connect to Ground for Normal Operation. Connect pin to 3.3V for disable mode.
23
LOSW
Local Oscillator Input Selection Switch. Set LOSW high to select LOI1, and set low to select LOI2.
24, 25,
26
VGS0, VGS1,
VGS2
Gate to Source Control Voltages. For typical operation set VGS2 high and VGS0 and VGS1 to low logic level.
27
LOI2
Local Oscillator Input 2. Internally matched to 50
Ω. Must be ac-coupled.
29
MNLG
Main Channel LO Buffer Bias Setting. Connect 390
Ω resistor to ground for typical operation.
31
MNLE
Main Channel External Inductor. Connect 10nH inductor to ground for typical operation.
32, 33
MNOP, MNON
Main Channel Differential Open-Collector Outputs. MNOP and MNON should be pulled-up to VCC using pull-
up choke inductors.
35
MNGM
Main Amplifier Bias Setting. Connect 1.2k
Ω resistor to ground for typical operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com