Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5360XCPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5360XCPZ-R7
Description  Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5360XCPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5360XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ADL5360
Preliminary Technical Data
REV. PrA | Page 2 of 9
ADL5360—Specifications at VS=5V
Table 1. VS = 5 V, TA = 25°C, fRF = 900 MHz, fLO = 703 MHz, LO power = 0 dBm, Zo = 50Ω, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20dB over a limited bandwidth
12
dB
Input Impedance
50
Ω
RF Frequency Range
700
1000
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
200
Ω
IF Frequency Range
40
450
MHz
DC Bias Voltage1
Externally generated
4.75
VS
5.25
V
LO INTERFACE
LO Power
-6
0
+10
dBm
Return Loss
Tunable to >20dB over a limited bandwidth
12
dB
Input Impedance
50
Ω
LO Frequency Range
Low Side LO injection
250
960
MHz
DYNAMIC PERFORMANCE
Power Conversion Gain
Including 4:1 IF port transformer and PCB loss
8.5
dB
Voltage Conversion Gain
ZSOURCE = 50
Ω, Differential Z
LOAD
= 200
Ω
Differential
15
dB
SSB Noise Figure
Including 4:1 IF port transformer and PCB loss
9.2
dB
SSB Noise Figure Under-Blocking
8dBm Blocker present +/-10MHz from wanted RF
input, LO source filtered
18
dB
Input Third Order Intercept
fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz,
each RF tone at -10 dBm
26
dBm
Input Second Order Intercept
fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz,
each RF tone at -10 dBm
55
dBm
Input 1 dB Compression Point
11
dBm
LO to IF Output Leakage
Unfiltered IF Output, Improves substantially with
external filter components.
-20
dBm
LO to RF Input Leakage
-33
dBm
RF to IF Output Isolation
Unfiltered IF Output, Improves substantially with
external filter components.
33
dBc
RFI1 to RFI2 Channel Isolation
50
IF/2 Spurious
-10 dBm Input Power
-65
dBc
IF/3 Spurious
-10 dBm Input Power
-74
dBc
POWER INTERFACE
Supply Voltage
5
V
Quiescent Current
Resistor Programmable
380
mA
1 Supply voltage must be applied from external circuit through external inductors.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com