Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5360XCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5360XCPZ-R7
Description  Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5360XCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5360XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual 900MHz Balanced Mixer
with Low Side LO Buffer,
IF Amp, and RF Balun
Preliminary Technical Data
ADL5360
REV. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2008 Analog Devices, Inc. All rights reserved.
FEATURES
RF Frequency 700MHz to 1000MHz
IF Frequency 50MHZ to 350MHz
Power Conversion Gain of 8.5dB
SSB Noise Figure of 9.5dB
SSB NF with +10dBm blocker of 16.5dB
Input IP3 of 26dBm
Input P1dB of 10 dBm
Typical LO Drive of 0 dBm
Single-ended, 50
Ω RF and LO Input Ports
High Isolation SPDT LO Input Switch
Single Supply Operation: 3.3 to 5 V
Exposed Paddle 6 x 6 mm, 36 Lead LFCSP Package
APPLICATIONS
Cellular Base Station Receivers
Main and Diversity Receiver Designs
Radio Link Downconverters
GENERAL DESCRIPTION
The ADL5360 utilizes two highly linear doubly balanced passive
mixer cores along with integrated RF and LO balancing
circuitry to enable single-ended operation. The ADL5360
incorporates two RF baluns allowing for optimal main and
diversity mixer performance over a 700 to 1000 MHz RF input
frequency range using low-side LO injection. The balanced
passive mixer arrangement provides good LO to RF leakage,
typically better than -25dBm, and excellent intermodulation
performance. The balanced mixer cores also provide extremely
high input linearity allowing the device to be used in
demanding cellular applications where in-band blocking signals
may otherwise result in the degradation of dynamic
performance. High linearity IF buffer amps follow the passive
mixer cores, to yield a typical power conversion gain of 9.5dB.
(For a higher IIP3 version of the dual mixer without the IF
amplifiers, please contact the factory).
The ADL5360 provides two switched LO paths that can be
utilized in TDD applications where it is desirable to rapidly
alternate between two local oscillators. LO current can be
externally set using a resistor to minimize DC current
Figure 1. Functional Block Diagram
commensurate with the desired level of performance. An
additional 3V logic pin is provided to power down (<100uA)
the circuit when desired.
For low voltage applications, the ADL5360 is capable of
operation at voltages down to 3V with substantially reduced DC
current.
The ADL5360 is fabricated using a BiCMOS high performance
IC process. The device is available in a 6mm x 6mm 36-lead
LFCSP package and operates over a −40°C to +85°C
temperature range. An evaluation board is also available.


Similar Part No. - ADL5360XCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5363 AD-ADL5363 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5363 AD-ADL5363 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5363-EVALZ AD-ADL5363-EVALZ Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5363ACPZ-R7 AD-ADL5363ACPZ-R7 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
More results

Similar Description - ADL5360XCPZ-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Analog Devices
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com