Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5360XCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5360XCPZ-R7
Description  Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5360XCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5360XCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5360XCPZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADL5360
Preliminary Technical Data
REV. PrA | Page 4 of 9
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage, VPOS
5.5 V
PWDN, LOSW, VGS0, VGS1, VGS2
3.3 V
RF Input Power, DVIN, MNIN
TBD
Internal Power Dissipation
TBD
θJA (Exposed Paddle Soldered Down)
TBD
θJC (At Exposed Paddle)
TBD
Maximum Junction Temperature
TBD
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com