Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.82-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2108ACBZ-1.82-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.82-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2108ACBZ-1.82-R7 Datasheet HTML 1Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 2Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 3Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 4Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 5Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 6Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 7Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADP2108
Rev. A | Page 3 of 16
SPECIFICATIONS
VIN = 3.6 V, VOUT = 1.8 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.1
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range
2.3
5.5
V
Undervoltage Lockout Threshold
VIN rising
2.3
V
VIN falling
2.05
2.15
2.25
V
OUTPUT CHARACTERISTICS
Output Voltage Accuracy
PWM mode
−2
+2
%
VIN = 2.3 V to 5.5 V, PWM mode
−2.5
+2.5
%
POWER SAVE MODE TO PWM CURRENT THRESHOLD
85
mA
PWM TO POWER SAVE MODE CURRENT THRESHOLD
80
mA
INPUT CURRENT CHARACTERISTICS
DC Operating Current
ILOAD = 0 mA, device not switching
18
30
μA
Shutdown Current
EN = 0 V, TA = TJ = −40°C to +85°C
0.2
1.0
μA
SW CHARACTERISTICS
SW On Resistance
PFET
320
NFET
300
Current Limit
PFET switch peak current limit
1100
1300
1500
mA
ENABLE CHARACTERISTICS
EN Input High Threshold
1.2
V
EN Input Low Threshold
0.4
V
EN Input Leakage Current
EN = 0 V, 3.6 V
−1
0
+1
μA
OSCILLATOR FREQUENCY
ILOAD = 200 mA
2.5
3.0
3.5
MHz
START-UP TIME
550
μs
THERMAL CHARACTERISTICS
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
20
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com