Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.82-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2108ACBZ-1.82-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.82-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2108ACBZ-1.82-R7 Datasheet HTML 1Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 2Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 3Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 4Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 5Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 6Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 7Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Compact, 600 mA, 3 MHz,
Step-Down DC-to-DC Converter
ADP2108
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Peak efficiency: 95%
3 MHz fixed frequency operation
Typical quiescent current: 18 μA
Maximum load current: 600 mA
Input voltage: 2.3 V to 5.5 V
Uses tiny multilayer inductors and capacitors
Current mode architecture for fast load and line
transient response
100% duty cycle low dropout mode
Internal synchronous rectifier
Internal compensation
Internal soft start
Current overload protection
Thermal shutdown protection
Shutdown supply current: 0.2 μA
5-ball WLCSP
APPLICATIONS
PDAs and palmtop computers
Wireless handsets
Digital audio, portable media players
Digital cameras, GPS navigation units
GENERAL DESCRIPTION
The ADP2108 is a high efficiency, low quiescent current step-
down dc-to-dc converter in an ultrasmall 5-ball WLCSP
package. The total solution requires only three tiny external
components. It uses a proprietary, high speed current mode,
constant frequency PWM control scheme for excellent stability
and transient response. To ensure the longest battery life in
portable applications, the ADP2108 has a power save mode that
reduces the switching frequency under light load conditions.
The ADP2108 runs on input voltages of 2.3 V to 5.5 V, which
allows for single lithium or lithium polymer cell, multiple alkaline
or NiMH cell, PCMCIA, USB, and other standard power sources.
The maximum load current of 600 mA is achievable across the
input voltage range.
The ADP2108 is available in fixed output voltages of 3.3 V, 3.0 V,
2.5 V, 2.3 V, 1.82 V, 1.8 V, 1.5 V, 1.3 V, 1.2 V, 1.1 V, and 1.0 V. All
versions include an internal power switch and synchronous rect-
ifier for minimal external part count and high efficiency. The
ADP2108 has an internal soft start and is internally compensated.
During logic controlled shutdown, the input is disconnected
from the output and the ADP2108 draws less than 1 μA from
the input source.
Other key features include undervoltage lockout to prevent deep
battery discharge and soft start to prevent input current over-
shoot at startup. The ADP2108 is available in a 5-ball WLCSP.
TYPICAL APPLICATIONS CIRCUIT
1.0V TO 3.3V
10µF
1µH
ON
OFF
GND
4.7µF
VIN
SW
FB
EN
2.3V TO 5.5V
ADP2108
Figure 1.


Similar Part No. - ADP2108ACBZ-1.82-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2108ACBZ-1.82-R7 AD-ADP2108ACBZ-1.82-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
More results

Similar Description - ADP2108ACBZ-1.82-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com