Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.82-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2108ACBZ-1.82-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.82-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2108ACBZ-1.82-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 10Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 11Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 12Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 13Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 14Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 15Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP2108
Rev. A | Page 12 of 16
SHORT-CIRCUIT PROTECTION
The ADP2108 includes frequency foldback to prevent output
current runaway on a hard short. When the voltage at the
feedback pin falls below half the target output voltage, indicat-
ing the possibility of a hard short at the output, the switching
frequency is reduced to half the internal oscillator frequency.
The reduction in the switching frequency allows more time for
the inductor to discharge, preventing a runaway of output current.
UNDERVOLTAGE LOCKOUT
To protect against battery discharge, undervoltage lockout
(UVLO) circuitry is integrated on the ADP2108. If the input
voltage drops below the 2.15 V UVLO threshold, the ADP2108
shuts down, and both the power switch and the synchronous
rectifier turn off. When the voltage rises above the UVLO thresh-
old, the soft start period is initiated, and the part is enabled.
THERMAL PROTECTION
In the event that the ADP2108 junction temperature rises above
150°C, the thermal shutdown circuit turns off the converter.
Extreme junction temperatures can be the result of high current
operation, poor circuit board design, or high ambient temperature.
A 20°C hysteresis is included so that when thermal shutdown
occurs, the ADP2108 does not return to operation until the
on-chip temperature drops below 130°C. When coming out
of thermal shutdown, soft start is initiated.
SOFT START
The ADP2108 has an internal soft start function that ramps the
output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This prevents possible input voltage
drops when a battery or a high impedance power source is
connected to the input of the converter.
After the EN pin is driven high, internal circuits start to power
up. The time required to settle after the EN pin is driven high is
called the power-up time. After the internal circuits are powered
up, the soft start ramp is initiated and the output capacitor is
charged linearly until the output voltage is in regulation. The
time required for the output voltage to ramp is called the soft
start time.
Start-up time in the ADP2108 is the measure of when the
output is in regulation after the EN pin is driven high. Start-up
time consists of the power-up time and the soft start time.
CURRENT LIMIT
The ADP2108 has protection circuitry to limit the amount of
positive current flowing through the PFET switch and the
synchronous rectifier. The positive current limit on the power
switch limits the amount of current that can flow from the input
to the output. The negative current limit prevents the inductor
current from reversing direction and flowing out of the load.
100% DUTY OPERATION
With a drop in VIN or with an increase in ILOAD, the ADP2108
reaches a limit where, even with the PFET switch on 100% of
the time, VOUT drops below the desired output voltage. At this
limit, the ADP2108 smoothly transitions to a mode where the
PFET switch stays on 100% of the time. When the input conditions
change again and the required duty cycle falls, the ADP2108
immediately restarts PWM regulation without allowing over-
shoot on VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com