Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.82-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2108ACBZ-1.82-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.82-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2108ACBZ-1.82-R7 Datasheet HTML 7Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 10Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 11Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 12Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 13Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 14Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP2108
Rev. A | Page 11 of 16
THEORY OF OPERATION
GND
FB
VIN
SW
EN
ADP2108
SOFT START
UNDERVOLTAGE
LOCKOUT
OSCILLATOR
THERMAL
SHUTDOWN
DRIVER
AND
ANTISHOOT-
THROUGH
PSM
COMP
LOW
CURRENT
PWM
COMP
ILIMIT
GM ERROR
AMP
PWM/
PSM
CONTROL
Figure 28. Functional Block Diagram
The ADP2108 is a step-down dc-to-dc converter that uses a
fixed frequency and high speed current mode architecture. The
high switching frequency and tiny 5-ball WLCSP package allow
for a small step-down dc-to-dc converter solution.
The ADP2108 operates with an input voltage of 2.3 V to 5.5 V
and regulates an output voltage down to 1.0 V.
CONTROL SCHEME
The ADP2108 operates with a fixed frequency, current mode
PWM control architecture at medium to high loads for high
efficiency, but shifts to a power save mode control scheme at
light loads to lower the regulation power losses. When operating
in fixed frequency PWM mode, the duty cycle of the integrated
switches is adjusted and regulates the output voltage. When
operating in power save mode at light loads, the output voltage
is controlled in a hysteretic manner, with higher VOUT ripple.
During part of this time, the converter is able to stop switching
and enters an idle mode, which improves conversion efficiency.
PWM MODE
In PWM mode, the ADP2108 operates at a fixed frequency of
3 MHz, set by an internal oscillator. At the start of each oscillator
cycle, the PFET switch is turned on, sending a positive voltage
across the inductor. Current in the inductor increases until the
current sense signal crosses the peak inductor current threshold
that turns off the PFET switch and turns on the NFET synchronous
rectifier. This sends a negative voltage across the inductor, causing
the inductor current to decrease. The synchronous rectifier stays
on for the rest of the cycle. The ADP2108 regulates the output
voltage by adjusting the peak inductor current threshold.
POWER SAVE MODE
The ADP2108 smoothly transitions to the power save mode of
operation when the load current decreases below the power
save mode current threshold. When the ADP2108 enters power
save mode, an offset is induced in the PWM regulation level,
which makes the output voltage rise. When the output voltage
reaches a level approximately 1.5% above the PWM regulation
level, PWM operation is turned off. At this point, both power
switches are off, and the ADP2108 enters an idle mode. COUT
discharges until VOUT falls to the PWM regulation voltage, at
which point the device drives the inductor to make VOUT rise
again to the upper threshold. This process is repeated while the
load current is below the power save mode current threshold.
Power Save Mode Current Threshold
The power save mode current threshold is set to 80 mA. The
ADP2108 employs a scheme that enables this current to remain
accurately controlled, independent of VIN and VOUT levels. This
scheme also ensures that there is very little hysteresis between
the power save mode current threshold for entry to and exit from
the power save mode. The power save mode current threshold
is optimized for excellent efficiency over all load currents.
ENABLE/SHUTDOWN
The ADP2108 starts operation with soft start when the EN pin
is toggled from logic low to logic high. Pulling the EN pin low
forces the device into shutdown mode, reducing the shutdown
current below 1 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com