Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.82-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2108ACBZ-1.82-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.82-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2108ACBZ-1.82-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 10Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 11Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 12Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 13Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 14Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 15Page - Analog Devices ADP2108ACBZ-1.82-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP2108
Rev. A | Page 16 of 16
OUTLINE DIMENSIONS
A
B
C
0.657
0.602
0.546
1.06
1.02
0.98
1.49
1.45
1.41
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
0.330
0.310
0.290
1.00
REF
0.022
REF
BALL 1
IDENTIFIER
SEATING
PLANE
0.50
REF
0.355
0.330
0.304
0.280
0.250
0.220
COPLANARITY
0.04
0.50
Figure 33. 5-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-5-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Output
Voltage (V)
Package Description
Package
Option
Branding
ADP2108ACBZ-1.0-R71
−40°C to +85°C
1.0
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA6
ADP2108ACBZ-1.1-R71
−40°C to +85°C
1.1
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA7
ADP2108ACBZ-1.2-R71
−40°C to +85°C
1.2
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA8
ADP2108ACBZ-1.3-R71
−40°C to +85°C
1.3
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LA9
ADP2108ACBZ-1.5-R71
−40°C to +85°C
1.5
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAA
ADP2108ACBZ-1.8-R71
−40°C to +85°C
1.8
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAD
ADP2108ACBZ-1.82-R71
−40°C to +85°C
1.82
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAE
ADP2108ACBZ-2.3-R71
−40°C to +85°C
2.3
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAF
ADP2108ACBZ-2.5-R71
−40°C to +85°C
2.5
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAG
ADP2108ACBZ-3.0-R71
−40°C to +85°C
3.0
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LD9
ADP2108ACBZ-3.3-R71
−40°C to +85°C
3.3
5-Ball Wafer Level Chip Scale Package [WLCSP]
CB-5-3
LAH
ADP2108-1.0-EVALZ1
1.0
Evaluation Board for 1.0 V
ADP2108-1.1-EVALZ1
1.1
Evaluation Board for 1.1 V
ADP2108-1.2-EVALZ1
1.2
Evaluation Board for 1.2 V
ADP2108-1.3-EVALZ1
1.3
Evaluation Board for 1.3 V
ADP2108-1.5-EVALZ1
1.5
Evaluation Board for 1.5 V
ADP2108-1.8-EVALZ1
1.8
Evaluation Board for 1.8 V
ADP2108-1.82-EVALZ1
1.82
Evaluation Board for 1.82 V
ADP2108-2.3-EVALZ1
2.3
Evaluation Board for 2.3 V
ADP2108-2.5-EVALZ1
2.5
Evaluation Board for 2.5 V
ADP2108-3.0-EVALZ1
3.0
Evaluation Board for 3.0 V
ADP2108-3.3-EVALZ1
3.3
Evaluation Board for 3.3 V
1 Z = RoHS Compliant Part.
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07375-0-1
2/08(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com