Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68230 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 15Page - STMicroelectronics TS68230 Datasheet HTML 16Page - STMicroelectronics TS68230 Datasheet HTML 17Page - STMicroelectronics TS68230 Datasheet HTML 18Page - STMicroelectronics TS68230 Datasheet HTML 19Page - STMicroelectronics TS68230 Datasheet HTML 20Page - STMicroelectronics TS68230 Datasheet HTML 21Page - STMicroelectronics TS68230 Datasheet HTML 22Page - STMicroelectronics TS68230 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Table 3.1 : Mode 0 Port Data Paths.
Read Port A/B Data Register
Write Port A/B Data Register
Mode
DDR = 0
DDR = 1
DDR = X
0 Submode 00
0 Submode 01
0 Submode 1X
FIL, D. B.
Pin
Pin
FOL Note 3
FOL Note 3
FOL Note 3
FOL, S. B.
IOL/FOL, D. B .
FOL, S. B.
Note 1
Note 2
Note 1
Abbreviations :
IOL - Initial Output Latch
FOL - Final Output Latch
FIL - Final Input Latch
S. B. - Single Buffered
D. B. - Double Buffered
DDR - Data Direction Register
Note 1 : Data is latched in the output data registers (final output latch) and will be single buffered at the pin if
the DDR is 1. The output buffers will be turned off if the DDR is 0.
Note 2 : Data is latched in the double-buffered output data registers. The data in the final output latch will
appear on the port pin if the DDR is a 1.
Note 3 : The output drivers that connect the final output latch to the pins are turned on
3.3.1. SUBMODE 00 - PIN-DEFINABLE DOUBLE-
BUFFERED
INPUT
OR
SINGLE-BUFFERED
OUTPUT. In mode 0, double-buffered input trans-
fers of up to eight bits are available by programming
submode 00 in the desired port’s control register.
Data that meets the port setup and hold times is lat-
ched on the asserted edge of H1(H3) and is placed
in the initial or final input latch. H1(H3) is edge sen-
sitive and may assume any duty cycle as long as
both high and low minimum times are observed. The
PI/T contains a port status register whose H1S(H3S)
status bit is set anytime any input data that has not
been read by the bus master is present in the dou-
ble-buffered latches. The action of H2(H4) is pro-
grammable. The following options are available :
1. H2(H4) may be an edge-sensitive status input
that is independent of H1(H3) and the transfer
of port data. On the asserted edge of H2(H4),
the H2S(H4S) status bit is set. It is cleared by
either the RESET pin being asserted, writing a
one to the particular status bit in the port status
register (PSR), or when the H12 enable (H34
enable) bit of the port general register is clear.
2. H2(H4) may be a general-purpose output pin
that is always negated. In this case the
H2S(H4S) status bit is always clear.
3. H2(H4) may be a general-purpose output pin
that is always asserted. In this case the
H2S(H4S) status bit is always clear.
4. H2(H4) may be an output pin in the interlocked
input handshake protocol. It is asserted when
the port input latches are ready to accept new
data. It is negated asynchronously following
the asserted edge of the H1(H3) input. As soon
as the input latches become ready, H2(H4) is
again asserted. When the input double-buffe-
red latches are full, H2(H4) remains negated
until data is removed. Thus, anytime the
H2(H4) output is asserted, new input data may
be entered by asserting H1(H3). At other
times, transitions on H1(H3) are ignored. The
H2S(H4S) status bit is always clear. When
H12 enable (H34 enable) in the port general
control register is clear, H2(H4) is held nega-
ted.
5. H2(H4) may be an output pin in the pulsed in-
put handshake protocol. It is asserted exactly
as in the interlocked input protocol above, but
never remains asserted longer than four clock
cycles. Typically, a four clock cycle pulse is ge-
nerated. But in the case of a subsequent
H1(H3) asserted edge occurring before termi-
nation of the pulse, H2(H4) is negated asyn-
chronously. Thus, anytime after the leading
edge of the H2(H4) pulse, new data may be
entered in the double-buffered input latches.
The H2S(H4S) status bit is always clear. When
H12 enable (H34 enable) is clear, H2(H4) is
held negated.
For pins used as outputs, the data path consists of
a single latch driving the output buffer. Data written
to the port’s data register does not affect the opera-
tion of any handshake pin or status bit. Output pins
may be used independently of the input transfers.
However, read bus cycles to the data register do re-
move data from the port. Therefore, care should be
taken to avoid processor instructions that perform
unwanted read cycles.
TS68230
19/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com