Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68230 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 41Page - STMicroelectronics TS68230 Datasheet HTML 42Page - STMicroelectronics TS68230 Datasheet HTML 43Page - STMicroelectronics TS68230 Datasheet HTML 44Page - STMicroelectronics TS68230 Datasheet HTML 45Page - STMicroelectronics TS68230 Datasheet HTML 46Page - STMicroelectronics TS68230 Datasheet HTML 47Page - STMicroelectronics TS68230 Datasheet HTML 48Page - STMicroelectronics TS68230 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Figure 5.2 : Square Wave Generator Example.
5.2.3. INTERRUPT AFTER TIMEOUT.
In this configuration the timer generates an interrupt
after a programmed time period has expired. The
TOUT pin is connected to the system’s interrupt re-
quest circuitry and the TIACK pin may be an inter-
rupt acknowledge input to the timer. The TIN pin
may be used as a clock input.
This configuration is similar to the periodic interrupt
generator except that the zero detect control bit is set.
This forces the counter to roll over after zero detect is
reached, rather than reloading from the CPRs. When
the processor takes the interrupt it can halt the timer,
read the counter and calculate the time from the inter-
rupt request to entering the service routine. Accurate
knowledge of the interrupt latency may be useful in
some applications (see figure 5.3).
Figure 5.1 :Periodic Interrupt Generator Example.
76
5
4
32
1
0
Timer
Enable
TOUT/TIACK
Control
*
Z.D
Control
Clock
Control
0
1
x
0
0
00 or 1X Changed
* Analog representation of counter value.
TS68230
45/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com