Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68230 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 33Page - STMicroelectronics TS68230 Datasheet HTML 34Page - STMicroelectronics TS68230 Datasheet HTML 35Page - STMicroelectronics TS68230 Datasheet HTML 36Page - STMicroelectronics TS68230 Datasheet HTML 37Page - STMicroelectronics TS68230 Datasheet HTML 38Page - STMicroelectronics TS68230 Datasheet HTML 39Page - STMicroelectronics TS68230 Datasheet HTML 40Page - STMicroelectronics TS68230 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
4.1. PORT GENERAL CONTROL REGISTER
(PGCR)
The port general control register controls many of
the functions that are common to the overall opera-
tion of the ports. The PGCR is composed of three
major fields : bits 7 and 6 define the operational
mode of ports A and B and affect operation of the
handshake pins and status bits ; bits 5 and 4 allow
a software-controlled disabling of particular hard-
ware associated with the handshake pins of each
port ; and bits 3-0 define the sense of the hand-
shake pins. The PGCR is always readable and wri-
table.
All bits are reset to zero when the RESET pin is as-
serted.
The port mode control field should be altered only
when the H12 enable and H34 enable bits are zero.
Except when mode is desired (submode 1X), the
port general control register should be written once
to establish the mode with the H12 and H34 bits
clear. Any other necessary control registers can
then be programmed, after which H12 or H34 is set.
In order to enable the respective operation(s), the
port general control register should be written again.
PGCR
7 6
Port Mode Control
0 0
Mode 0 (Unidirectional 8-Bit Mode).
0 1
Mode 1 (Unidirectional 16-Bit Mode).
1 0
Mode 2 (Bidirectional 8-Bit Mode).
1 1
Mode 3 (Bidirectional 16-Bit Mode).
PGCR
5
H34 Enable
0
Disabled.
1
Enabled.
PGCR
4
H12 Enable
0
Disabled.
1
Enabled.
PGCR
0-
0 Handshake Pin Sense
0
The associated pin is at the high-voltage
level when negated and at the low-
voltage level when asserted.
1
The associated pin is at the low-voltage
level when negated and at the high-
voltage level when asserted.
4.2. PORT SERVICE REQUEST REGISTER
(PSRR)
The port service request register controls other func-
tions that are common to the overall operation to the
ports. It is composed of four major fields : bit 7 is u-
nused and is always read as zero ; bits 6 and 5 de-
fine whether interrupt or DMA requests are
generated from activity on the H1 and H3 hands-
hake pins ; bits 4 and 3 determine whether two dual-
function pins operate as port C or port interrupt
request/acknowledge pins ; and bits 2, 1, and 0
control the priority among all port interrupt sources.
Since bits 2, 1, and 0 affect interrupt operation, it is
recommended that they be changed only when the
affected interrupt(s) is (are) disabled or known to re-
main inactive. The PSRR is always readable and
writable.
All bits are reset to zero when the RESET pin is as-
serted.
PSRR
6 5
SVCRQ Select
0 X
The PC4/DMAREQ pin carries the PC4
76
5
4
3
2
1
0
Port Mode
Control
H34
Enable
H12
Enable
H4
Sense
H3
Sense
H2
Sense
H1
Sense
76
5
4
3 2
1
0
*
SVCRQ
Select
Port Interrupt
Priority Control
Operation
Select
TS68230
37/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com