Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68230 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 21Page - STMicroelectronics TS68230 Datasheet HTML 22Page - STMicroelectronics TS68230 Datasheet HTML 23Page - STMicroelectronics TS68230 Datasheet HTML 24Page - STMicroelectronics TS68230 Datasheet HTML 25Page - STMicroelectronics TS68230 Datasheet HTML 26Page - STMicroelectronics TS68230 Datasheet HTML 27Page - STMicroelectronics TS68230 Datasheet HTML 28Page - STMicroelectronics TS68230 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 61 page
background image
Programmable Options Mode 0 - Port A Submode 1X and Port B Submode 1X (continued)
PBCR
0
H3 Status Control
X
H3 is an edge-sensitive status input, H3S is set by an asserted edge of H3.
3.4. MODE 1 - UNIDIRECTIONAL 16-BIT MODE
In mode 1, ports A and B are concatenated to form
a single 16-bit port. The port B submode field
controls the configuration of both ports. The possible
submodes are :
Port B Submode X0 - Pin-Definable Double-Buf-
fered Input or Single-Buffered Output
Port B Submode X1 - Pin-Definable Double-Buf-
fered Output or Non-Latched Input
Handshake pins H3 and H4, configured by program-
ming the port B control register, are associated with
the 16-bit double-buffered transfer. These 16-bit
transfers are enabled by setting the H34 enable bit
in the port general control register (PGCR). Hand-
shake pins H1 and H2 may be used as simple status
inputs not related to the 16-bit data transfer or H2
may be an output. Enabling of the H1 and H2 hands-
hake pins is done by setting the H12 enable bit of
the port general control register. The port A and B
data direction registers operate in each submode.
Along with the submode, they affect the data read
and written at the data register according to table
3.2. The data direction register also enables the out-
put buffer associated with each port pin. The DMA-
REQ pin may be associated only with H3.
Table 3.2 : Mode 1 Port Data Paths.
Read Port A/B Register
Write Port A/B Register
Mode
DDR = 0
DDR = 1
DDR = 0
DDR = 1
1, Port B
Submode X0
1, Port B
Submode X1
FIL, D. B.
Pin
FOL
Note 3
FOL
Note 3
FOL, S. B.
Note 2
IOL/FOL, D. B.
Note 1
FOL, S. B.
Note 2
IOL/FOL, D. B.
Note 1
Note 1 : Data written to Port A goes to a temporary latch. When the Port B data register is later written, Port A
data is transferred to IOL/FOL.
Note 2 : Data is latched in the output data registers (final output latch) and will be single buffered at the pin if
the DDR is 1. The output buffers will be turned off if the DDR is 0.
Note 3 : The output drivers that connect the final output latch to the pins are turned on.
Abbreviations :
IOL - Initial Output Latch
FOL - Final Output Latch
FIL - Final Input Latch
S. B. - Single Buffered
D. B. - Double Buffered
DDR - Data Direction Register
Mode 1 can provide convenient high-speed 16-bit
transfers. The port A and port B data registers are
addressed for compatibility with the TS68000 move
peripheral (MOVEP) instruction and with the 68440
direct memory access controller (DMAC). To take
advantage of this, port A should contain the most-
significant byte of data and always be read or written
by the bus master first. The interlocked and pulsed
handshake protocols, status bits, and DMAREQ are
keyed to the access of port B data register in mode
1. Transfers proceed properly with interlocked or
pulsed handshakes when the port B data register is
accessed last.
TS68230
25/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com