Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68230 Datasheet(PDF) 60 Page - STMicroelectronics

Part # TS68230
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button TS68230 Datasheet HTML 53Page - STMicroelectronics TS68230 Datasheet HTML 54Page - STMicroelectronics TS68230 Datasheet HTML 55Page - STMicroelectronics TS68230 Datasheet HTML 56Page - STMicroelectronics TS68230 Datasheet HTML 57Page - STMicroelectronics TS68230 Datasheet HTML 58Page - STMicroelectronics TS68230 Datasheet HTML 59Page - STMicroelectronics TS68230 Datasheet HTML 60Page - STMicroelectronics TS68230 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
Table 1.3 : Register Model (sheet 1 of 2).
Register
Select Bits
54321
76543210
Register
Value
after
RESET
(hex
value)
00000
Port Mode
Control
H34
Enable
H12
Enable
H4
Sense
H3
Sense
H2
Sense
H1
Sense
0 0
Port General
Control Register
00001
I
SVCRQ
Select
IPF
Select
Port Interrupt
Priority Control
0 0
Port Service
Request Register
00010
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
0 0
Port A Data
Direction Register
00011
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
0 0
Port B Data
Direction Register
00100
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
0 0
Port C Data
Direction Register
00101
Interrupt Vector
Number
II
0 F
Port Interrupt
Vector Register
00110
Port A
Submode
H2 Control
H2
Int
Enable
H1
SVCRQ
Enable
H1
Stat
Ctrl
0 0
Port A Control
Register
00111
Port B
Submode
H4 Control
H4
Int
Enable
H3
SVCRQ
Enable
H3
Stat
Ctrl
0 0
Port B Control
Register
01000
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
II
Port A Data
Register
01001
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
II
Port B Data
Register
01010
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
III
Port A Alternate
Register
01011
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
III
Port B Alternate
Register
01100
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
IIII
Port C Data
Register
01101
H4
Level
H3
Level
H2
Level
H1
Level
H4S
H3S
H2S
H1S
IIII
Port Status
Register
01110
IIIIIIII
0 0
(null)
01111
IIIIIIII
0 0
(null)
* Unused, read as zero.
** Value before RESET.
*** Current value on pins.
TS68230
60/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com