Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EVRAFDA Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDA Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
39
High-Speed Serial Interfaces (HSSI)
Figure 23. Receiver of SerDes Reference Clocks
9.2.2
DC Level Requirement for SerDes Reference Clocks
The DC level requirement for the MPC8313E SerDes reference clock inputs is different depending on the
signaling mode used to connect the clock driver chip and SerDes reference clock inputs as described
below.
•
Differential mode
— The input amplitude of the differential clock must be between 400 and 1600 mV differential
peak-to-peak (or between 200 and 800 mV differential peak). In other words, each signal wire
of the differential pair must have a single-ended swing less than 800 mV and greater than
200 mV. This requirement is the same for both external DC-coupled or AC-coupled
connection.
— For external DC-coupled connection, as described in Section 9.2.1, “SerDes Reference Clock
Receiver Characteristics,” the maximum average current requirements sets the requirement for
average voltage (common mode voltage) to be between 100 and 400 mV. Figure 24 shows the
SerDes reference clock input requirement for the DC-coupled connection scheme.
— For external AC-coupled connection, there is no common mode voltage requirement for the
clock driver. Since the external AC-coupling capacitor blocks the DC level, the clock driver
and the SerDes reference clock receiver operate in different command mode voltages. The
SerDes reference clock receiver in this connection scheme has its common mode voltage set to
XCOREVSS. Each signal wire of the differential inputs is allowed to swing below and above
the command mode voltage (XCOREVSS). Figure 25 shows the SerDes reference clock input
requirement for AC-coupled connection scheme.
•
Single-ended mode
— The reference clock can also be single-ended. The SD_REF_CLK input amplitude
(single-ended swing) must be between 400 and 800 mV peak-to-peak (from Vmin to Vmax) with
SD_REF_CLK either left unconnected or tied to ground.
— The SD_REF_CLK input average voltage must be between 200 and 400 mV. Figure 26 shows
the SerDes reference clock input requirement for the single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs might need to be DC or
AC coupled externally. For the best noise performance, the reference of the clock could be DC
Input
Amp
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com