Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EVRAFDA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8313EVRAFDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
2
Freescale Semiconductor
Overview
1Overview
The MPC8313E incorporates the e300c3 core, which includes 16 Kbytes of L1 instruction and data caches
and on-chip memory management units (MMUs). The MPC8313E has interfaces to dual enhanced
three-speed 10/100/1000 Mbps Ethernet controllers, a DDR1/DDR2 SDRAM memory controller, an
enhanced local bus controller, a 32-bit PCI controller, a dedicated security engine, a USB 2.0 dual-role
controller and an on-chip full-speed PHY, a programmable interrupt controller, dual I2C controllers, a
4-channel DMA controller, and a general-purpose I/O port. A block diagram of the MPC8313E is shown
in Figure 1.
Figure 1. MPC8313E Block Diagram
The MPC8313E security engine (SEC 2.2) allows CPU-intensive cryptographic operations to be offloaded
from the main CPU core. The security-processing accelerator provides hardware acceleration for the DES,
3DES, AES, SHA-1, and MD-5 algorithms.
1.1
MPC8313E Features
The following features are supported in the MPC8313E:
•
Embedded PowerPC™ e300 processor core built on Power Architecture™ technology; operates at
up to 333 MHz.
•
High-performance, low-power, and cost-effective host processor
•
DDR1/DDR2 memory controller—one 16-/32-bit interface at up to 333 MHz supporting both
DDR1 and DDR2
•
16-Kbyte instruction cache and 16-Kbyte data cache, a floating point unit, and two integer units
•
Peripheral interfaces such as 32-bit PCI interface with up to 66-MHz operation, 16-bit enhanced
local bus interface with up to 66-MHz operation, and USB 2.0 (full speed) with an on-chip PHY.
•
Security engine provides acceleration for control and data plane security protocols
•
Power management controller for low-power consumption
•
High degree of software compatibility with previous-generation PowerQUICC processor-based
designs for backward compatibility and easier software migration
16-KB
D-Cache
16-KB
I-Cache
e300c3 Core w/FPU and
DUART
Interrupt
Dual I2C
Timers
GPIO
Local Bus,
DDR1/DDR2
Controller
Controller
DMA
PCI
I/O Sequencer
(IOS)
Security Engine 2.2
Note: The MPC8313 does not include a security engine.
Power Management
SPI
USB 2.0
Host/Device/OTG
ULPI
Gb Ethernet
MAC
On-Chip
FS PHY
Gb Ethernet
MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com