Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EVRAFDA Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDA Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
8
Freescale Semiconductor
Electrical Characteristics
amount of current listed in the Current Requirement column; this is the maximum current possible. Proper
device operation outside of these conditions is not guaranteed.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value1
1 GV
DD, NVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
Unit
Current
Requirement
Core supply voltage
VDD
1.0 V ± 50 mV
V
469 mA
Internal core logic constant power
VDDC
1.0 V ± 50 mV
V
377 mA
SerDes internal digital power
XCOREVDD
1.0
V
170 mA
SerDes internal digital ground
XCOREVSS
0.0
V
—
SerDes I/O digital power
XPADVDD
1.0
V
10 mA
SerDes I/O digital ground
XPADVSS
0.0
V
—
SerDes analog power for PLL
SDAVDD
1.0V± 50mV
V
10 mA
SerDes analog ground for PLL
SDAVSS
0.0
V
—
Dedicated 3.3 V analog power for USB PLL
USB_PLL_PWR3
3.3 V ± 300 mV
V
2–3 mA
Dedicated 1.0 V analog power for USB PLL
USB_PLL_PWR1
1.0 V ± 50 mV
V
2–3 mA
Dedicated analog ground for USB PLL
USB_PLL_GND
0.0
V
—
Dedicated USB power for USB
bias circuit
USB_VDDA_BIAS
3.3 V ± 300 mV
V
4–5 mA
Dedicated USB ground for USB bias circuit
USB_VSSA_BIAS
0.0
V
—
Dedicated power for USB transceiver
USB_VDDA
3.3 V ± 300 mV
V
75 mA
Dedicated ground for USB transceiver
USB_VSSA
0.0
V
—
Analog power for e300 core APLL
AVDD1
1.0 V ± 50 mV
V
2–3 mA
Analog power for system APLL
AVDD2
1.0 V ± 50 mV
V
2–3 mA
DDR1 DRAM I/O voltage (333 MHz, 32-bit operation)
GVDD
2.5 V ± 125 mV
V
131 mA
DDR2 DRAM I/O voltage (333 MHz, 32-bit operation)
GVDD
1.8 V ± 80 mV
V
140 mA
Differential reference voltage for DDR controller
MVREF
1/2 DDR supply
(0.49
× GVDD to
0.51
× GVDD)
V—
Standard I/O voltage
NVDD
3.3 V ± 300 mV2
2 Some GPIO pins may operate from a 2.5-V supply when configured for other functions.
V74 mA
eTSEC2 IO supply
LVDDA
2.5 V ± 125 mV/
3.3 V ± 300 mV
V22 mA
eTSEC1/USB DR IO supply
LVDDB
2.5 V ± 125 mV/
3.3 V ± 300 mV
V44 mA
Supply for eLBC IOs
LVDD
3.3 V ± 300 mV
V
16 mA
Analog and digital ground
VSS
0.0
V
—
Junction temperature
TJ
0 to 105
°C—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com