Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EVRAFDA Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDA Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRAFDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
17
DDR and DDR2 SDRAM
Figure 4 illustrates the DDR input timing diagram showing the tDISKEW timing parameter.
Figure 4. DDR Input Timing Diagram
6.2.2
DDR and DDR2 SDRAM Output AC Timing Specifications
Table 20. DDR and DDR2 SDRAM Output AC Timing Specifications for Rev. 1.0 Silicon
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[
n] cycle time, MCK[n]/MCK[n] crossing
tMCK
610
ns
2
ADDR/CMD output setup with respect to MCK
tDDKHAS
ns
3
333 MHz
2.1
—
266 MHz
2.5
—
ADDR/CMD output hold with respect to MCK
tDDKHAX
ns
3
333 MHz
2.4
—
266 MHz
3.15
—
MCS[
n] output setup with respect to MCK
tDDKHCS
ns
3
333 MHz
2.4
—
266 MHz
3.15
—
MCS[
n] output hold with respect to MCK
tDDKHCX
ns
3
333 MHz
2.4
—
266 MHz
3.15
—
MCK to MDQS Skew
tDDKHMH
–0.6
0.6
ns
4
MDQ//MDM output setup with respect to
MDQS
tDDKHDS,
tDDKLDS
ps
5
333 MHz
800
—
266 MHz
900
—
MDQ//MDM output hold with respect to MDQS
tDDKHDX,
tDDKLDX
ps
5
333 MHz
900
—
266 MHz
1100
—
MDQS preamble start
tDDKHMP
–0.5
× tMCK – 0.6
–0.5
× tMCK + 0.6
ns
6
MCK[
n]
MCK[
n]
tMCK
MDQ[
x]
MDQS[
n]
D1
D0
tDISKEW
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com