Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313EVRAFDA Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8313EVRAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313EVRAFDA Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8313EVRAFDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313EVRAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
Freescale Semiconductor
75
Package and Pin Listings
SPIMISO/GTM1_TGATE3/GTM2_TGATE4/GPIO29/
LDVAL
H3
IO
NVDD
SPICLK/GTM1_TOUT3/GPIO30
G1
IO
NVDD
SPISEL/GPIO31
G3
IO
NVDD
Power and Ground Supplies
AVDD1
F14
Power for e300
core APLL
(1.0 V)
—
AVDD2
P21
Power for
system APLL
(1.0 V)
—
GVDD
A2,A3,A4,A24,A25,B3,
B4,B5,B12,B13,B20,B21,
B24,B25,B26,D1,D2,D8,
D9,D16,D17
Power for
DDR1 and
DDR2 DRAM
I/O voltage
(1.8/2.5 V)
—
LVDD
D24,D25,G23,H23,R23,
T23,W25,Y25,AA22,AC23
Power for local
bus (3.3 V)
—
LVDDA
W2,Y2
Power for
eTSEC2
(2.5 V, 3.3 V)
—
LVDDB
AC8,AC9,AE4,AE5
Power for
eTSEC1/
USB DR
(2.5 V, 3.3 V)
—
MVREF
C14,D14
Reference
voltage signal
for DDR
—
NVDD
G4,H4,L2,M2,AC16,AC17,
AD25,AD26,AE12,AE13,
AE20,AE21,AE24,AE25,
AE26,AF24,AF25
Standard I/O
voltage (3.3 V)
—
VDD
K11,K12,K13,K14,K15,
K16,L10,L17,M10,M17,
N10,N17,U12,U13,
Power for core
(1.0 V)
—
VDDC
F6,F10,F19,K6,K10,K17,
K21,P6,P10,P17,R10,R17,
T10,T17,U10,U11,U14,
U15,U16,U17,W6,W21,
AA6,AA10,AA14,AA19
Internal core
logic constant
power (1.0 V)
—
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com