Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPR083_08 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
MPR083
Sensors
Freescale Semiconductor
23
Preliminary
10
Additional Features
10.1
Key Click Sound Generator
The Key Click Sound Generator allows the MPR083 to generate audible feedback, independent of the I2C communication status.
The sounder is used to drive a piezo buzzer. This output is configured by using the Sounder Register, shown in the following
section.
10.1.1 Sounder Configuration Register
The I2C slave address of the Sounder Configuration Register is 0x07.
Figure 27. Sounder Configuration Register
10.2
Sensor Information
The Sensor Information register is a read only register that displays a descriptor which contains static information about the
MPR083 version.
10.2.1 Sensor Information Register
The I2C slave address of the Sensor Information Register is 0x0B.
Figure 28. Sensor Information Register
7
6
543210
R
0
0
000
CP
FREQ
SEN
W
Reset:
0
0
000001
= Unimplemented
Table 17. Sounder Configuration Register Field Descriptions
Field
Description
2
CP
Click Period – The Click Period bit controls the length of the sounder click.
0 Sounder Click Period is 10ms
1 Sounder Click Period is 20ms
1
FREQ
Frequency – The Frequency bit controls the frequency of the driven output.
0 Sounder frequency is 1kHz
1 Sounder frequency is 2kHz
0
SEN
Sounder Enable – The Sounder Enable bit enables or disables the sounder output.
0 Disable
1 Enable
7
6
543210
R
SensorInfo
W
Reset:
0
1
000110
= Unimplemented
Table 18. Sensor Information Register Field Descriptions
Field
Description
7-0
SensorInfo
SensorInfo – The Sensor Information register describes the version information for
the part. Burst reads will display ASCII data in the following format:
VENDOR_LABEL",PN:"PRODUCT_LABEL",QUAL:"BUILD_TYPE_LABEL",VER:"
BUILD_VERSION_MAJOR"_"BUILD_VERSION_MINOR"_"BUILD_NUMBER"\0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com