Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPR083_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
MPR083
Sensors
18
Freescale Semiconductor
Preliminary
6.4
Error
The MPR083 can generate a fault under two conditions; an electrode is shorted to VDD, or an electrode is shorted to VSS. Once
a fault is asserted the sensor electrodes will no longer be scanned until the fault is cleared. In the event of multiple faults occurring
at the same time, the sensor controller will report the first fault that is detected during scanning.
6.4.1
Fault Register
The Fault Register is a read only register that shows the fault number under the current sensor conditions. Any write to the Fault
Register will clear the register, when in Stop mode. The Fault register cannot be cleared when the part is in a Run mode. The I2C
slave address of the Fault Register is 0x01.
Figure 22. Fault Register
Table 13. FIFO Register Field Descriptions
Field
Description
7
MDF
More Data Flag – The More Data Flag shows whether or not data will remain in the
buffer after the current read.
0 No Data Remaining
1 Data Remaining
6
NDF
No Data Flag – The No Data Flag shows whether or not there is currently data in
the buffer.
0 Buffer currently has data
1 Buffer does not currently have data
5
OF
Overflow Flag – The Overflow Flag shows whether or not an overflow has occurred.
If this flag is high then the most current data was lost.
0 No Overflow has occurred
1 Overflow has occurred
4
TRF
Touch Release Flag – The Touch Release Flag shows if the current buffer entry is
a touch or release of a pad.
0 Pad is released
1 Pad is touched
3:0
BP
Buffered Position – The Buffered Position represents the electrode number that is
currently being displayed by the buffer.
0000 Encoding 0 – Buffered touch of electrode 1
~
0111 Encoding 7 – Buffered touch of electrode 8
7
6
543210
R0
0
0
0
0
0
FAULT
W
Reset:
0
0
000000
= Unimplemented
Table 14. Fault Register Field Descriptions
Field
Description
1:0
FAULT
Fault – The Fault code represents the currently asserted fault condition.
00 Encoding 0 – No fault detected
01 Encoding 1 – Short to VSS detected
10 Encoding 2 – Short to VDD detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com