Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPR083_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
MPR083
Rev 4, 10/2008
Freescale Semiconductor
Technical Data
Preliminary
© Freescale Semiconductor, Inc., 2007, 2008. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or
discontinue this product without notice.
Product Preview
Proximity Capacitive Touch
Sensor Controller
MPR083 OVERVIEW
The MPR083 is an Inter-Integrated Circuit Communication (I2C) driven
Capacitive Touch Sensor Controller, optimized to manage an 8-position
rotary shaped capacitive array. The device can accommodate a wide
range of implementations through 3 output mechanisms, and many
configurable options.
Features
•
1.8 V to 3.6 V operation
•
41 µA average supply current with 1 s response time
•
2 µA Standby Current
•
Variable low power mode response time (32 ms – 4 s)
•
Rejects unwanted multi-key detections from EMI events such as PA
bursts or user handling
•
Ongoing pad analysis and detection is not reset by EMI events
•
Data is buffered in a FIFO for shortest access time
•IRQ output advises when FIFO has data
•
System can set interrupt behavior as immediate after event, or
program a minimum time between successive interrupts
•
Current rotary position is always available on demand for polling-
based systems
•
Sounder output can be enabled to generate key-click sound when
rotary is touched
•
Two hardware selectable I2C addresses allowing two devices on a
single I2C bus
•
Configurable real-time auto calibration
•
5 mm x 5 mm x 1 mm 16 lead QFN package
•
-40°C to +85°C operating temperature range
Implementations
•
Control Panels
•
Switch Replacements
•
Rotary and Linear Sliders
Typical Applications
•
Appliances
•
PC Peripherals
•
Access Controls
•
MP3 Players
•
Remote Controls
•
Mobile Phones
ORDERING INFORMATION
Device Name
Temperature Range
Case Number
Rotary Slider
MPR083Q
-40
°C to +85°C
1679
(16-Lead QFN)
8-Positions
MPR083EJ
948F
(16-Lead TSSOP)
E5
E6
E7
E8
VDD
VSS
ATTN
IRQ
MPR083
3
4
1
2
10
9
12
11
78
56
14 13
16 15
MPR083
Capacitive Touch
Sensor Controller
16-LEAD TSSOP
CASE 948F
Top View
Figure 1. Pin Connections
Bottom View
16-LEAD QFN
CASE 1679
E1
E2
E3
E4
E5
E6
E7
E8
VDD
VSS
SCL
SDA
AD0
SOUNDER
ATTN
IRQ
MPR083
1
4
3
2
5
8
7
6
16
13
14
15
12
9
10
11


Similar Part No. - MPR083_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083EJ FREESCALE-MPR083EJ Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083EJ FREESCALE-MPR083EJ Datasheet
460Kb / 35P
Proximity Capacitive Touch Sensor Controller
Rev 5, 06/2010
MPR083Q FREESCALE-MPR083Q Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR083Q FREESCALE-MPR083Q Datasheet
460Kb / 35P
Proximity Capacitive Touch Sensor Controller
Rev 5, 06/2010
MPR083 FREESCALE-MPR083_V01 Datasheet
460Kb / 35P
Proximity Capacitive Touch Sensor Controller
Rev 5, 06/2010
More results

Similar Description - MPR083_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
List of Unclassifed Man...
IQS128 ETC2-IQS128 Datasheet
1Mb / 33P
Single Channel Capacitive Proximity, Touch Controller
IQS227AS ETC2-IQS227AS Datasheet
1Mb / 31P
Single Channel Capacitive Proximity/Touch Controller
IQS228AS ETC2-IQS228AS Datasheet
1Mb / 30P
Single Channel Capacitive Proximity/Touch Controller
logo
CORE RIVER Semiconducto...
TC305K CORERIVER-TC305K Datasheet
2Mb / 14P
Capacitive Touch Sensor Controller
Revised May. 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com