Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPR083_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MPR083
Sensors
Freescale Semiconductor
11
Preliminary
3.5
Touch Acquisition Sample Period Register
The Touch Acquisition Sample Period Register is used to determine the electrode scan period of the system. The I2C slave
address of the Touch Acquisition Sample Period Register is 0x06.
Figure 15. Touch Acquisition Sample Period Register
Table 5. Rotary Configuration Register Field Descriptions
Field
Description
7
RSE
Rotary Sounder Enable – The Rotary Sounder Enable bit controls if data is sent to
the sounder.
0 Disable – Click Feedback Off
1 Enable – Click Feedback On
4
ACE
Auto Calibration Enable – The Auto Calibration Enable bit enables or disables the
auto calibration function.
0 Disable
1 Enable
3
RRBE
Rotary Release Buffer Enable – The Rotary Release Buffer Enable bit determines
whether or not data is logged in the FIFO when the rotary transitions from a touched
to untouched state.
0 Disable – No Release Data Logged
1 Enable – Release Data Logged
2
RTBE
Rotary Touch Buffer Enable – The Rotary Touch Buffer Enable bit determines
whether or not data is logged in the FIFO any time a button is pressed.
0 Disable – Touches are not logged
1 Enable – Touches are logged
0
RE
Rotary Enable – The Rotary Enable bit enables or disables the touch sensor. When
disabled, no touches are detected.
0 Disable – Touches not detected
1 Enable – Touches detected
7
6
543210
R
TASP
W
Reset:
0
0
000001
= Unimplemented
Table 6. Touch Acquisition Sample Register Field Description
Field
Description
7:0
TASP
Touch Acquisition Sample Period – The Touch Acquisition Sample Period Field
selects or reports the multiplication factor that is used to determine how often
electrodes are scanned. The resulting factor must be in the range 1 to 32. If the
value is outside of this range the TASP will be set to 00011111.
00000000 Encoding 0 – Sets the TASP multiplication factor to 1
~
00011111 Encoding 31 – Sets the TASP multiplication factor to 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com