Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPR083
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPR083_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR083_08 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
MPR083
Sensors
Freescale Semiconductor
17
Preliminary
6
Output Mechanisms
6.1
Introduction
The MPR083 has three primary methods for reporting data in addition to an IRQ output that is described in Chapter 7. The three
output systems are described in this section.
6.2
Instantaneous
The Instantaneous output shows the current status of the user interface. This information is displayed in terms of the current
rotary position that is touched. Only one touch can be shown at a time.
6.2.1
Rotary Status Register
The Rotary Status Register is a read only register for determining the current status of the rotary. The I2C slave address of the
Rotary Status Register is 0x02.
Figure 20. Rotary Status Register
6.3
Buffered
The Buffered output is done through a FIFO. The FIFO will buffer every touch that occurs up to 30 values before the buffer
overflows and data is lost. Any time data is read from the FIFO it is pulled from the buffer and the next item becomes available.
The buffer can be cleared (NDF goes high) by either reading the last entry or attempting to write to the register.
The buffer settings are configured in the Rotary Configuration Register as described in Section 3.4.
6.3.1
FIFO Register
The FIFO Register is a read only register for determining the current status of the rotary. Any time a write is issued to this register
the buffer will be cleared. The I2C slave address of the FIFO Register is 0x00.
Figure 21. FIFO Register
7
6
543210
R0
0
0
SF
CP
W
Reset:
0
0
000000
= Unimplemented
Table 12. Rotary Status Register Field Descriptions
Field
Description
4
SF
Status Flag – The Status Flag shows when the rotary is currently detecting a touch.
0 Rotary is not currently detecting a touch
1 Rotary is currently detecting a touch
3:0
CP
Current Position – The Current Position represents the electrode that is currently
being touched.
0000 Encoding 0 – Electrode 1 is currently touched
~
0111 Encoding 7 – Electrode 8 is currently touched
7
6
543210
R
MDF
NDF
OF
TRF
BP
W
Reset:
0
1
000000
= Unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com