Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH512
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 4Page - STMicroelectronics TSH512 Datasheet HTML 5Page - STMicroelectronics TSH512 Datasheet HTML 6Page - STMicroelectronics TSH512 Datasheet HTML 7Page - STMicroelectronics TSH512 Datasheet HTML 8Page - STMicroelectronics TSH512 Datasheet HTML 9Page - STMicroelectronics TSH512 Datasheet HTML 10Page - STMicroelectronics TSH512 Datasheet HTML 11Page - STMicroelectronics TSH512 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TSH512
8/19
Microphone Biasing Section
VMIC-BIAS
Microphone Biasing Voltage
(see page 15)
IMIC-BIAS = 2.5 mA
2.15
2.25
2.35
V
∆V
MIC-BIAS
VMIC-BIAS temperature coefficient
Over temperature range
[0, 70°C]
[-40, 85°C]
IMIC-BIAS = 2.5 mA
260
460
ppm/°C
IMIC-BIAS
MIC-BIAS current capability
over VCC range
[2.3V-5.5V]
2.5
mA
PSRR-
MIC-BIAS
Power Supply Rejection Ratio of
MIC-BIAS
@ 1kHz and
V ripple = 25mVRMS
50
dB
enMIC-BIAS Equivalent input noise of MIC-BIAS
VCC=2.7V
VCC=5.0V
22
42
nV/
√Hz
Vox Operated Switch (VOX) Section
IVOX-TIMER
Monostable Current Source
(VOX-TIMER pin 29)
Vcc = 2.7V
5µA
VTH-
VOX-TIMER
Threshold voltage of the Monostable
(Time Constant)
1.4
V
VMUTE_L
Low Level Output Voltage
(VOX-MUTE Pin27)
RL = 2 k
Ω
0.2
V
VMUTE_H
High Level Output Voltage
(VOX-MUTE Pin27)
RL = 2 k
Ω
Vcc-0.3
V
Standby
VSBY_IL
max
Max. Low Level Input Voltage of
Standby input (SBY Pin5)
0.1xVcc
V
VSBY_IH
min
Min. High Level Input Voltage of
Standby input (SBY Pin5)
0.9xVcc
V
VCO Section
VVCO-BIAS
VCO-BIAS output voltage
(VCO-BIAS1 pin18 or VCO-BIAS2 pin
38)
With No Load
1.43
1.47
1.51
VDC
IVCO-BIAS
VCO-BIAS output current capability
VVCO-BIAS > 1.38V
40
µA
δV
VCO-BIAS VCO-BIAS voltage drift
2.3V < Vcc < 5.5V
[0, 70°C] Vcc=2.7V
[0, 70°C] Vcc=5.0V
[-40, 85°C] Vcc=2.7V
[-40, 85°C] Vcc=5.0V
8
+265
+356
+265
+356
mV/V
ppm/°C
ppm/°C
ppm/°C
ppm/°C
PNLO
Phase Noise
@ 1kHz,
L = 120µH (Q=30) and
RVCO no connected
-80
dBc
SVRVCO-BIAS
Supply Voltage Rejection Ratio of
VCO-BIAS
With No Load
43
dB
ZVCO-OUT
VCO Output Impedance
(VCO-OUT1 pin22 or VCO-OUT2
pin34)
400
Ω
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com