Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH512
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH512 Datasheet HTML 1Page - STMicroelectronics TSH512 Datasheet HTML 2Page - STMicroelectronics TSH512 Datasheet HTML 3Page - STMicroelectronics TSH512 Datasheet HTML 4Page - STMicroelectronics TSH512 Datasheet HTML 5Page - STMicroelectronics TSH512 Datasheet HTML 6Page - STMicroelectronics TSH512 Datasheet HTML 7Page - STMicroelectronics TSH512 Datasheet HTML 8Page - STMicroelectronics TSH512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
TSH512
HiFi stereo/mono infrared transmitter
Stereo sub-carrier generator
s Supply voltage: 2.3V to 5.5V
s Carriers frequency range: 0.4 to 11 MHz
s High versatility: I/O pins for each section
s Two FM transmitters for stereo
s Sinusoidal carriers for high spectral purity
s Micro or line level preamplifiers with ALC
s VOX function to save on battery power
s Transmitter 2 Standby for mono operation
DESCRIPTION
The TSH512 is a 0.4 to 11 MHz dual FM transmit-
ter. Access pins to each section give a high versa-
tility and allow several applications: stereo head-
phone, multimedia headset, audio sub-carrier
generator.
The TSH512 integrates in one chip:
Low-noise audio preamplifiers with ALC (Automat-
ic Level Control), frequency modulated oscillators,
and linear output buffers to drive external transis-
tors. The sinusoidal carriers facilitates the filtering
and allows high performance audio transmission.
The VOX (Voice Operated Transmit) circuitry dis-
ables the output buffer when there is no audio to
save battery power.
For MONO applications, the STAND-BY pin en-
ables one transmitter only, reducing the supply
current.
The TSH512 forms a chipset with the dual receiv-
er TSH511.
APPLICATIONS
s Infrared HiFi stereo transmitter
s Infrared Headsets
s Stereo sub-carrier for video transmitters
s Voice operated wireless webcams
s FM IF transmit systems
ORDER CODE
PACKAGE
PIN CONNECTION (top view)
Part Number
Temperature
Range
Package
Conditionning
Marking
TSH512CF
-40°C to
+85°C
TQFP44
Tray
TSH512C
TSH512CFT
-40°C to
+85°C
TQFP44
Tape & reel
TSH512C
F
TQFP44
10 x 10 mm
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
+
-
+
-
TSH512
Monostable
ALC
ALC
VCO
VCO
Output
buffer
Output
buffer
TX1
TX2
LNA
LNA
VOX
+
-
PEA
PEA
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
1
+
-
+
-
+
-
+
-
TSH512
Monostable
ALC
ALC
VCO
VCO
Output
buffer
Output
buffer
TX1
TX2
LNA
LNA
VOX
+
-
+
-
PEA
PEA
TSH512
HiFi stereo/mono infrared transmitter
Stereo sub-carrier generator
December 2002


Similar Part No. - TSH512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH512 STMICROELECTRONICS-TSH512 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
TSH512CF STMICROELECTRONICS-TSH512CF Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
TSH512CFT STMICROELECTRONICS-TSH512CFT Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
TSH512CYFT STMICROELECTRONICS-TSH512CYFT Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
TSH512 STMICROELECTRONICS-TSH512_09 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
More results

Similar Description - TSH512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511 Datasheet
1Mb / 18P
HiFi stereo/mono infrared receiver Stereo sub-carrier demodulator
Dec-2002
logo
Rohm
BA1404 ROHM-BA1404 Datasheet
136Kb / 4P
Fm Stereo Transmitter
logo
List of Unclassifed Man...
ADA7555 ETC-ADA7555 Datasheet
336Kb / 1P
Stereo / Mono Distribution Amplifier
logo
Texas Instruments
SN761634 TI-SN761634 Datasheet
419Kb / 20P
FM STEREO TRANSMITTER
logo
STMicroelectronics
TSH511 STMICROELECTRONICS-TSH511_07 Datasheet
1Mb / 25P
Hi-fi stereo/mono infrared receiver and stereo sub-carrier demodulator
12-Nov-2007
TSH512 STMICROELECTRONICS-TSH512_09 Datasheet
1Mb / 31P
Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
28-May-2009
logo
Protek Devices
PA1418FV PROTEC-PA1418FV Datasheet
637Kb / 6P
STEREO FM TRANSMITTER
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
Mono Class D and Stereo Audio Sub-System
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
FM STEREO TRANSMITTER
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
FM STEREO TRANSMITTER
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com