Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSH512
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 11Page - STMicroelectronics TSH512 Datasheet HTML 12Page - STMicroelectronics TSH512 Datasheet HTML 13Page - STMicroelectronics TSH512 Datasheet HTML 14Page - STMicroelectronics TSH512 Datasheet HTML 15Page - STMicroelectronics TSH512 Datasheet HTML 16Page - STMicroelectronics TSH512 Datasheet HTML 17Page - STMicroelectronics TSH512 Datasheet HTML 18Page - STMicroelectronics TSH512 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TSH512
15/19
Electret Condenser Microphone source
When a Electret Condenser Microphone (ECM) is
used, a high gain LNA is recommanded, but low
frequencies have to be attenuated. The ECM has
to be biased with a stable and clean reference
voltage.The TSH512 offers you the LNA and the
MIC-BIAS sections to perform this functions. (see
MIC-BIAS chapter).
Figure 3 : Electret Condenser Microphone source
The capacitor C in serie with the microphone
stops the DC coming from MIC-BIAS.
The resistor R provides the DC from MIC-BIAS to
supply the ECM.
Thanks to the ALC (Automatic Level control), the
great variations of amplitude will not overmodulate
the transmitter (refer to the chapter on ALC).
The self-adaptative VOX (Voice Operated Trans-
mit) offers an automatic transmitting with a good
discrimination of the background noise (see the
chapter on VOX).
MIC-BIAS section: microphone bias voltage
The MIC-BIAS bias voltages are dedicated to the
bias of Electret Condenser Microphones. These
bias voltages on pin 10 for TX1 and pin 2 for TX2,
exhibit a low voltage noise density of 22nV/
SQR(Hz). This allows more than 55 dB S/N con-
sidering a bandwith of 7 kHz. (see the figure in the
’Electret Condenser Microphone source’ chapter).
The MIC-BIAS voltage is related with VCC as fol-
low (with I MIC-BIAS= 2.5 mA):
VMIC-BIAS = 0.844.VCC-0.140 (Volts)
Moreover, the supply rejection ratio is guaranteed
better than 50 dB without any decoupling capaci-
tor. To address biasing of most of the micro-
phones, the current drive capability is 2.5 mA. The
MIC-BIAS voltage depend linearly on the supply
voltage Vcc (refer to the curve ’MIC-BIAS vs.
VCC’).
ALC section: Automatic Level Control
Both transmitters of the TSH512 are including Au-
tomatic Level Control (ALC). When the level of
the audio signal is too high, the ALC compress the
signal in order to avoid overmodulation of the FM
VCO. Therefore, the ALC reduces the distorsion
and keep a reduced transmit spectrum with very
high amplitude signals.
Figure 4 : Automatic Level Control Schematic
The ALC features a 20dB gain and an output sig-
nal regulated to 700 mVpp in compression.
The attack time is the response time of the ALC to
go from the linear amplification to the compression
region. The attack time mainly depends on CALC
capacitor value. A typical value of CALC is 1µF with
music as audio signal (refer to the ’application
schematic’).
The decay time is the response time of the ALC to
recover a full gain amplifying mode from a com-
pression mode. The decay time depends mainly
on the RALC resistor value. A typical value of RALC
is 470k with music as audio signal (refer to the ’ap-
plication schematic’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com