Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSH512
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 11Page - STMicroelectronics TSH512 Datasheet HTML 12Page - STMicroelectronics TSH512 Datasheet HTML 13Page - STMicroelectronics TSH512 Datasheet HTML 14Page - STMicroelectronics TSH512 Datasheet HTML 15Page - STMicroelectronics TSH512 Datasheet HTML 16Page - STMicroelectronics TSH512 Datasheet HTML 17Page - STMicroelectronics TSH512 Datasheet HTML 18Page - STMicroelectronics TSH512 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TSH512
16/19
VOX description: Voice Operated Transmit
The Voice Operated Transmit section (VOX) re-
duces consumption when there is no audio signal
to transmit. When the VOX detects that no audio
signal is present, it mutes the Output Buffers of
TX1 and TX2 and provides the logic signal
VOX-MUTE to switch-off external LED drivers if
needed.
The audio signal of TX1 is amplified with a gain
depending on Rsens and Csens. Rsens and Cs-
ens are connected to pin 7. The high-pass filtering
has the following cut-off frequency:
fHPF = 1/(2.πRsens.Csens)
Figure 5 : Vox delay and sensitivity schematic
On pin 6, Rpeak and Cpeak integrate the rectified
audio signal with a short time constant. This fil-
tered signal follows the audio amplitude.
Figure 6 : Vox integrator and monostable
schematic
The self-adaptative VOX threshold consist in the
constatation that the ambient background noise
variation is slow compared to the voice or the mu-
sic. On the pin 28, RCOMP and CCOMP integrates
the amplitude to follow the background amplitude.
Therefore, the comparator switches when an au-
dio signal appears over the background noise.
Refering to the ’application schematic’, CCOMP will
be typically a 100nF capacitor and RCOMP will be
determined depending on the audio signal.
As soon as an audio is detected, the output of the
monostable switches to ’high’ state and enables
both output buffers. The output of the monostable
is the pin 27 and is called ’VOX-MUTE’.
The monostable holds the TSH512 in transmit
mode during a delay fixed by the value of CTRIG
connected to pin 29
Please note that the VOX function is activated with
the audio coming into the first transmitter TX1.
When the application needs a permanent trans-
mission, it is possible to inhibit the VOX function.
Just remove CTRIG capacitor and connect pin 29
to ground.
As soon as the TSH512 is powered-on, the inter-
nal reset circuitry sets the VOX-MUTE
to high
state to enable transmission. The transmission re-
mains during the monostable timing and continue
if an audio signal triggs the monostable
Figure 7 : VOX state at power-on
VOX
DELAY
1.4V
5
µA
------------


Ctrig
⋅
=
time
VOX-MUTE
POWER SUPPLY
on
off
VOX Delay
(Ctrig)
0
1
high state if retriggered by audio
time
VOX-MUTE
POWER SUPPLY
on
off
VOX Delay
(Ctrig)
0
1
high state if retriggered by audio
time
VOX-MUTE
POWER SUPPLY
on
off
VOX Delay
(Ctrig)
0
1
high state if retriggered by audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com