Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH512 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH512
Description  HiFi stereo/mono infrared transmitter Stereo sub-carrier generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH512 Datasheet HTML 1Page - STMicroelectronics TSH512 Datasheet HTML 2Page - STMicroelectronics TSH512 Datasheet HTML 3Page - STMicroelectronics TSH512 Datasheet HTML 4Page - STMicroelectronics TSH512 Datasheet HTML 5Page - STMicroelectronics TSH512 Datasheet HTML 6Page - STMicroelectronics TSH512 Datasheet HTML 7Page - STMicroelectronics TSH512 Datasheet HTML 8Page - STMicroelectronics TSH512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TSH512
4/19
TYPICAL SCHEMATIC
Stereo infrared transmitter
Transmitter 1 (TX1)
TSH512
Cp
L
Rpeak
Rsens
VOX Sensitivity
Cs
Ccomp
10µF
VOX Delay
Vcc
Vcc
IR
MONO
STABLE
Ctrig
AUDIO IN TX1
MICRO BIAS TX1
BIAS
Rlna2
Rpen2
100nF
Cv
CL
51pF
51pF
Pulse Width Adjust
Vcc
Rcomp
1M
STANDBY
Clna2
10
13
11
12
14
9
8
7
6
15
16
17
Vcc
19
20
21
Rvco
22
23
24
25
26
VOX-MUTE
27
28
29
30
5
51pF
Transmitter 2 (TX2)
Cpen1
Cp
L
+
Clna1
Cs
Vcc
AUDIO IN TX2
MICRO BIAS TX2
BIAS
Rlna2
Rpen2
Cv
CL
51pF
51pF
Clna2
2
43
1
44
42
3
4
41
40
39
37
36
35
34
33
32
31
51pF
18
38
Vcc
IR
100nF
Vcc
Rvco
LNA
LNA
PEA
PEA
VCO TX2
VCO TX1
ALC
Varicap
Varicap
Varicap
Clna1
Csens
Cpeak
51
ALC
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com