Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSM108
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics TSM108 Datasheet HTML 10Page - STMicroelectronics TSM108 Datasheet HTML 11Page - STMicroelectronics TSM108 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TSM108
8/13
6.4. OVLO increase:
If the OVLO level needs to be increased (OV2), an
additional resistor (Rovl2) must be connected
between OV and Gnd following the equation.
u OV = Vref (Rovh/Rovl +1)
u OV2 = Vref (Rovh/(Rovl//Rovl2) +1)
(iv)
where Rovl//Rovl2 means that Rovl2 is in parallel
to Rovl
Solving iv. we obtain:
u Rovl2 = Vref x Rovh Rovl / (OV2 x Rovl -
Vref x (Rovh + Rovl))
As an example, if OV2 needs to be set to 40V,
Rovl2 = 87k
Ω
7. Standby Mode
In order to reduce to a minimum the current
consumption of the TSM108 when in inactive
phase, the Standby mode (!STBY pin of TSM108)
imposes a complete OFF state of the P-Channel
MOSFET, as well as a complete shut off of the
main
functions
of the
TSM108
(operational
amplifier, PWM generator and oscillator, UVLO
and
OVLO)
and
therefore
reduces
the
consumption of the TSM108 to the Istby value.
This !STBY command is TTL compatible, which
means that it can be directly commanded from
whatever logic signal.
8.Power Transistor: P-MOSFET or PNP
Transistor?
The TSM108 can drive, with minor external
components
change,
either
a
P-channel
MOSFET, or a PNP transistor. The choice of the
transistor is completely to the user’s responsibility,
nevertheless, here follows a few elements which
will help to decide which is the most adapted
transistor to drive depending on the application
characteristics
in
terms
of
power
and
performances.
The
following
figures
shows
two
different
schematics where both driving abilities of TSM108
are shown. The third schematic shows how to
improve the switch off commutation when using a
bipolar PNP transistor.
P- MOSFET? PNP Transistor?
The most immediate way to choose from a
P-channel MOSFET or a PNP transistor is to
consider the ratio between the output power of the
application and the expected components price:
the lower the power, the more suitable the PNP
transistor is; the higher the power, the more
suitable the P-channel MOSFET is. As an
example, for a DC/DC adaptor built for 12V/6V,
the recommended limit to choose from one to the
other is situated around 200mA.
Below 200mA, the price/performance ratio of the
PNP transistor is very attractive, whereas above
200mA,
the
P-channel
Mosfet
takes
the
advantage.
9. Calculation of the Passive Elements
Let’s consider the following characteristics for a
Cigarette Lighter Cellular Phone Battery Charger:
Vin = 12V - input voltage of the converter
Vout = 6V - output voltage of the converter
F = 100kHz - switching frequency of the converter
adjustable with an external capacitor
Iout = 625mA - output current limitation
9.1. Inductor
The minimum inductor value to choose should
apply to
Lmin = (1 - D) R / 2F
where R = Vout / Iout = 9.6
Ω
and where D = Vout / Vin = 0.5
Therefore, Lmin = 24µH.
L1
GD
D1
TSM108
Q1
MOSFET P
Q1
L1
GD
D1
TSM108
Q1
L1
GD
D1
TSM108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com