Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM108
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM108 Datasheet HTML 1Page - STMicroelectronics TSM108 Datasheet HTML 2Page - STMicroelectronics TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
s CURRENT MEASUREMENT ON OUTPUT
POSITIVE LINE
s CONSTANT VOLTAGE MODE CONTROL
s CONSTANT CURRENT MODE CONTROL
s PRECISION VOLTAGE AND CURRENT
CONTROL LOOPS
s ADJUSTABLE SWITCHING FREQUENCY
s ADJUSTABLE OVER VOLTAGE LOCKOUT
s ADJUSTABLE UNDER VOLTAGE LOCKOUT
s STANDBY MODE (LOW QUIESCENT
CURRENT)
s SUSTAINS 60V
s MINIMAL EXTERNAL COMPONENTS
COUNT
s DRIVING ABILITY FOR EITHER P-MOSFET
OR PNP TRANSISTORS
DESCRIPTION
TSM108 is a P-channel MOSFET controller which
ensures constant voltage and constant current in
Switching Mode Power Supply (step down) like in
automotive battery charging applications.
TSM108 can easily be configured for very wide
voltage and current needs.
TSM108 is built in rugged BCD technology and
includes a PWM generator, Voltage and Current
control loops, a precision Voltage Reference, and
a P-Mosfet Gate Drive output. TSM108 can
sustain 60V on Vcc, and therefore meet the
standard
Load
Dump
requirements
in
the
Automotive field.
TSM108 includes security functions which lock the
PMosfet in OFF state: OVLO (Over Voltage
Lockout) and UVLO (Under Voltage Lockout). The
P-Mosfet Gate is also protected from over voltage
drive thanks to a 12V clamping protection circuit.
TSM108 includes a standby feature which allows
very low quiescent current when activated, as well
as safe P-Mosfet Off state.
TSM108
is
suitable
for
car
environment
accessories, as well as numerous other DC/DC
step down regulation.
APPLICATION DIAGRAM
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSM108I
-40°, +125°C
•
MOSFET P
TSM108
or PNP
D
SO14
(Plastic Micropackage)
VCC
G
OV
UV
ICTRL
OSC
GND
VCOMP
VCTRL
ICOMP
VREF
VS
7
6
5
4
3
2
1
8
9
10
11
12
13
14
GD
!STBY
TSM108
AUTOMOTIVE SWITCH MODE
VOLTAGE AND CURRENT CONTROLLER
November 2001


Similar Part No. - TSM108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM108 STMICROELECTRONICS-TSM108 Datasheet
388Kb / 13P
VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
Mar-2006
TSM108 STMICROELECTRONICS-TSM108_06 Datasheet
388Kb / 13P
VOLTAGE AND CURRENT STEPDOWN PWM CONTROLLER
Mar-2006
More results

Similar Description - TSM108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com