Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSM108
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics TSM108 Datasheet HTML 10Page - STMicroelectronics TSM108 Datasheet HTML 11Page - STMicroelectronics TSM108 Datasheet HTML 12Page - STMicroelectronics TSM108 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TSM108
11/13
12. Measured Performances
The few following curves show the measured
performances of TSM108 used in DC/DC step
down converter, either with a Pchannel MOSFET
or with a PNP bipolar transistor.
12.1. Voltage and Current Control, Efficiency Performances using a Pchannel MOSFET:
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Iout (A)
0
1
2
3
4
5
6
7
0%
10%
20%
30%
40%
50%
60%
70%
CV & CC Regulation - Switching duty cycle vs Iout
Vin = 12V, Vout = 6V, Iout = 600mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Iout (A)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Converter efficiency & Switching duty cycle vs Iout
Vin = 12V, Vout = 6V, Iout = 600mA
5
10
15202530
35
Vin (V)
5.992
5.993
5.994
5.995
5.996
5.997
5.998
5.999
6
6.001
77%
78%
79%
80%
81%
82%
83%
84%
85%
86%
Vout & Efficiency versus Vin
Vout = 6V, Iout = 600mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com