Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM108
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM108 Datasheet HTML 1Page - STMicroelectronics TSM108 Datasheet HTML 2Page - STMicroelectronics TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSM108
2/13
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Name
Pin
Type
Description
VCC
1
Power Supply
Power Supply Line of the Device - Source of the P-MOSFET
GND
3
Power Ground
0V Reference for all Voltages
GD
14
Gate Drive
Gate Drive Pin of the P-MOSFET - Middle Point of the MOSFET
Push Pull Output Stage
VREF
10
Output
Voltage Reference Output
VS
13
HZ Input
Voltage Sense Resistor Input
ICTRL
12
HZ Input
Current Regulation Input
VCTRL
11
HZ Input
Voltage Regulation Input
VCOMP
8
Output
Compensation pin - Output of Voltage Control Op-Amp
ICOMP
9
Output
Compensation pin - Output of Current Control Op-Amp
OSC
7
Input
Oscillator Frequency Set Capacitor
!STBY
2
Input
Standby Command (Command = 0V ===> Device Standby)
UV
4
I/O
Programmable Under Voltage Lockout. The middle point of the
integrated resistor bridge is accessible. Preset value is 8V min.
OV
5
I/O
Programmable Over Voltage Lockout. The middle point of the
integrated resistor bridge is accessible. Preset value is 33V max.
G
6
Test Pin
Internally Connected to Ground
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
60
V
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (SO package)
130
°C/W
Tamb
Ambient Temperature
-55 to +125
°C
Vmax
Out Terminal Voltage (ICTRL, VS)
10
V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
UVLO to OVLO
V
Vter1
Out Terminal Voltage (ICTRL, VS)
0 to 9
V
Vter2
Out Terminal Voltage (UV, OV, OSC)
0 to 6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com