Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM108 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM108
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM108 Datasheet HTML 2Page - STMicroelectronics TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics TSM108 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
Description of a DC/DC step down battery
charging application
1. Voltage and Current Controller
TSM108 is designed to drive a P-Channel
MOSFET transistor in Switch Mode Step Down
Converter
applications.
Its
two
integrated
operational amplifiers ensure accurate Voltage
and Current Regulation.
The
Voltage
Control
dedicated
operational
amplifier acts as an error amplifier and compares
a part of the output voltage (external resistor
bridge) to an integrated highly precise voltage
reference (V
ref).
The
Current
Control
dedicated
operational
amplifier acts as an error amplifier and compares
the drop voltage through the sense resistor to an
integrated low value voltage reference (V
s).
These two amplified errors are ORed through
diodes, and the resulting signal (“max of”) is a
reference for the PWM generator to set the
switching duty cycle of the P-Channel MOSFET
transistor.
The PWM generator comprises an oscillator (saw
tooth) and a comparator which gives a variable
duty cycle from 0 to 95%. This PWM signal is the
direct command of the output Push Pull stage to
drive the Gate of the P-Channel MOSFET.
Thanks to this architecture, the TSM108 is ideal to
be used from a DC power supply to control the
charging Voltage and Current of a battery in
applications such as Automotive accessories for
Portable Phone charging and power supplies.
2. Voltage Control
The Voltage Control loop is to be set thanks to an
external resistor bridge connected between the
output positive line and the Ground reference. The
middle point is to be connected to the V
ctrl pin of
TSM108, and, if R1 is the upper resistor, and R2,
the lower resistor of the bridge, the values of R1
and R2 should follow:
u eq1: Vref = Vout x R2 / (R1 + R2)
When under Constant Voltage Control mode, the
output voltage is fixed thanks to the R1/R2 resistor
bridge.
The total value of R1 + R2 resistor bridge will
determine the necessary bleeding current to keep
the Voltage Control loop effective, even under “no
load” conditions.
The
voltage
compensation
loop
is
directly
accessible
from
the
pins Vcomp
and
Vref
(negative input of the Voltage Control dedicated
operational amplifier). The compensation network
is highly dependant of the conditions of use of the
TSM108
(switching
frequency,
external
components
(R,
L,
C),
MOSFET,
output
capacitor...).
3. Current Control
The Current control loop is to be set thanks to the
Sense resistor which is to be placed in series on
the output positive line. The output side of the
Sense resistor should be connected to the Ictrl pin
of TSM108, and the common point between
Rsense and the filtering self L should be
connected to the Vs pin of TSM108. If Ilim is the
value of the charging current limit The value of
Rsense should verify:
u eq2: V
s = Rsense x Ilim
When under Constant Current Control mode, the
output current is fixed thanks to the Rsense
resistor (under output short circuit conditions,
please refer to this corresponding section).
The wattage calibration (W) of the sense resistor
should be chosen according to:
u eq2a: W > R
sense x Ilim
2
The
current
compensation
loop
is
directly
accessible from the pins Icomp and Ictrl (negative
input of the Current Control dedicated operational
amplifier.
The compensation network is highly dependant of
the conditions of use of the TSM108 (switching
frequency,
external
components
(R,
L,
C),
MOSFET, output capacitor...).
4. PWM frequency
The internal oscillator of TSM108 is a saw tooth
waveform that can be frequency adjusted.
In
automotive
accessory
battery
charging
applications, it is recommended to set the
switching frequency at a typical 100kHz in order to
PRINCIPLE OF OPERATION AND APPLICATION HINTS
TSM108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com