Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3301A
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3301A Datasheet HTML 2Page - Cirrus Logic CS3301A Datasheet HTML 3Page - Cirrus Logic CS3301A Datasheet HTML 4Page - Cirrus Logic CS3301A Datasheet HTML 5Page - Cirrus Logic CS3301A Datasheet HTML 6Page - Cirrus Logic CS3301A Datasheet HTML 7Page - Cirrus Logic CS3301A Datasheet HTML 8Page - Cirrus Logic CS3301A Datasheet HTML 9Page - Cirrus Logic CS3301A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS3301A
6
DS757F1
ANALOG CHARACTERISTICS (CONT.)
Notes: 13. Ratio of input common mode amplitude vs. output differential mode amplitude for a perfectly matched
common mode input signal. Characterized with a 50 Hz, 500 mVpeak common mode sine wave applied
to the analog inputs.
14. Output impedance characteristics are approximate and can vary up to ±30% depending on process
parameters.
Parameter
Symbol
CS3301A
Unit
Min
Typ
Max
Analog Input Characteristics
Input Signal Frequencies
BW
DC
-
2000
Hz
Input Voltage Range (Vcm ± Signal)
x1
x2 to x64
VIN
(VA-)+0.7
(VA-)+0.7
-
-
(VA+)-1.25
(VA+)-1.75
V
Full Scale Input, Differential
x1
x2
x4
x8
x16
x32
x64
VINFS
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
2.5
1.25
625
312.5
156.25
78.125
Vp-p
Vp-p
Vp-p
mVp-p
mVp-p
mVp-p
mVp-p
Input Impedance, Differential
ZINDIFF
-1, 50
-
G
Ω, pF
Input Impedance, Common Mode
ZINCM
-1
-
M
Ω
Input Bias Current
IIN
-1
2
nA
Crosstalk, Multiplexed Inputs
(Note 4)XT
-
-130
-
dB
Common to Differential Mode Rejection
(Note 4, 7, 13)CDMR
95
120
-
dB
Analog Output Characteristics
Full Scale Output, Differential
VOUT
--
5
Vp-p
Output Voltage Range (Vcm ± Signal)
VRNG
(VA-)+0.5
-
(VA+)-0.5
V
Output Impedance
(Note 14)ZOUT
-40-
Ω
Output Impedance Drift
(Note 14)ZTC
-0.24
-
Ω/°C
Output Current
IOUT
--
±25
mA
Load Capacitance
CL
--
1
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com