Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3301A
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3301A Datasheet HTML 6Page - Cirrus Logic CS3301A Datasheet HTML 7Page - Cirrus Logic CS3301A Datasheet HTML 8Page - Cirrus Logic CS3301A Datasheet HTML 9Page - Cirrus Logic CS3301A Datasheet HTML 10Page - Cirrus Logic CS3301A Datasheet HTML 11Page - Cirrus Logic CS3301A Datasheet HTML 12Page - Cirrus Logic CS3301A Datasheet HTML 13Page - Cirrus Logic CS3301A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS3301A
10
DS757F1
2.1.3
Differential Signals
Analog signals into and out of the CS3301A are
differential, consisting of two halves with equal but
opposite magnitude varying about a common mode
voltage.
A full scale 5 Vpp differential signal centered on a
-0.15 V common mode can have:
SIG+ = -0.15 V + 1.25 V = 1.1 V
SIG- = -0.15 V - 1.25 V = -1.4 V
SIG+ is +2.5 V relative to SIG-
For the reverse case:
SIG+ = -0.15 V - 1.25 V = -1.4 V
SIG- = -0.15 V + 1.25 V = 1.1 V
SIG+ is -2.5 V relative to SIG-
The total swing for SIG+ relative to SIG- is
(+2.5 V) - (-2.5 V) = 5 Vpp. A similar calculation
can be done for SIG- relative to SIG+. Note that a
5Vpp differential signal centered on a -0.15 V
common mode voltage never exceeds 1.1 V and
never drops below -1.4 V on either half of the sig-
nal.
By definition, differential voltages are to be mea-
sured with respect to the opposite half, not relative
to ground. A multimeter differentially measuring
between SIG+ and SIG- in this example would
properly read 1.767 Vrms, or 5 Vpp.
2.2
Digital Signals
2.2.1
Clock Input
The clock signal is used by the chopper-
stabilization circuitry of the amplifier analog in-
puts. The CLK pin can be driven by an external
clock source for synchronous operation, or CLK
can be grounded to run from its own internally gen-
erated clock signal. The CLK pin is connected to a
clock detect circuit which will disable the internal
clock and use an external clock if one is supplied.
If the internal clock signal is to be used, the CLK
pin should be connected to GND.
2.2.2
Gain Selection
The CS3301A supports gain ranges of x1, x2, x4,
x8, x16, x32, and x64. They are selected using the
GAIN0, GAIN1, and GAIN2 pins as shown in
Table 1 on page 7.
2.2.3
Mux Selection
The analog inputs to the amplifier are multiplexed,
with external signals applied to the INA+, INA- or
INB+, INB- pins. An internal termination is also
available for noise tests. Input mux selection is
∆Σ
Modulator
Test
DAC
Digital Filter
AMP
Differential
Sensor
M
U
X
µController
or
Configuration
EEPROM
System
Telemetry
CS3301A
CS3302A
CS5378
CS5373A
Figure 4. Single-Channel System Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com