Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301A Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3301A
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301A Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3301A Datasheet HTML 7Page - Cirrus Logic CS3301A Datasheet HTML 8Page - Cirrus Logic CS3301A Datasheet HTML 9Page - Cirrus Logic CS3301A Datasheet HTML 10Page - Cirrus Logic CS3301A Datasheet HTML 11Page - Cirrus Logic CS3301A Datasheet HTML 12Page - Cirrus Logic CS3301A Datasheet HTML 13Page - Cirrus Logic CS3301A Datasheet HTML 14Page - Cirrus Logic CS3301A Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS3301A
DS757F1
11
made using the MUX0 and MUX1 pins as shown in
Table 1 on page 7.
Although a mux selection is provided to enable the
INA and INB switches simultaneously, signal cur-
rent should not be driven through them in this
mode. The CS3301A mux switches will maintain
good linearity only with minimal signal currents.
2.2.4
Power Down Selection
A power-down mode is available to shut down the
amplifier when not in use. When enabled, all inter-
nal circuitry is disabled, the analog inputs and out-
puts go high-impedance, and the device enters a
micro-power state. Power down mode is selected
using the PWDN pin, which is active high.
2.3
Power Supplies
2.3.1
Analog Power Supplies
The analog power pins of the CS3301A are speci-
fied to run from bipolar
±2.5 V power supplies.
When using bipolar power supplies, the analog sig-
nal common mode voltage should be biased to 0 V.
The analog power supplies are recommended to be
bypassed to system ground using 0.1
µF X7R type
capacitors.
The VA- supply is connected to the CMOS sub-
strate and as such must remain the most negative
applied voltage. It is recommended to clamp the
VA- supply to system ground using a reversed bi-
ased Schottky diode to prevent possible damage re-
lated to mis-matched power supply initialization.
2.3.2
Digital Power Supplies
The digital voltage across the VD and GND pins is
specified for a +3.3 V power supply. The digital
power supply should be bypassed to system ground
using a 0.01
µF X7R type capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com