Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3301A
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301A Datasheet(HTML) 1 Page - Cirrus Logic

  CS3301A Datasheet HTML 1Page - Cirrus Logic CS3301A Datasheet HTML 2Page - Cirrus Logic CS3301A Datasheet HTML 3Page - Cirrus Logic CS3301A Datasheet HTML 4Page - Cirrus Logic CS3301A Datasheet HTML 5Page - Cirrus Logic CS3301A Datasheet HTML 6Page - Cirrus Logic CS3301A Datasheet HTML 7Page - Cirrus Logic CS3301A Datasheet HTML 8Page - Cirrus Logic CS3301A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
CS3301A
Low-noise, Programmable Gain, Differential Amplifier
Features & Desription
Signal Bandwidth: DC to 2 kHz
Selectable Gain: x1, x2, x4, x8, x16, x32, x64
Differential Inputs, Differential Outputs
• Multiplexed inputs: INA, INB, 800
Ω termination
• Rough / fine outputs for CS5371A / 72A / 73A
• Max signal amplitude: 5 Vpp differential
• Low input bias: 1 nA typical
Outstanding Noise Performance
• 8.5
from 0.1 Hz to 2 kHz
•0.180
µVp-p between 0.1 Hz and 10 Hz
Low Total Harmonic Distortion
• -121 dB THD typical (0.0000891%)
• -112 dB THD maximum (0.0002512%)
Low Power Consumption
• Normal operation: 5.5 mA typical
• Power down: 10
µA typical
Small 24-pin SSOP Package
Bipolar Power Supply Configuration
• VA+ = +2.5 V; VA- = -2.5 V; VD = +3.3 V
Description
The CS3301A is a low-noise differential input, dif-
ferential output amplifier with programmable gain,
optimized for amplifying signals from low-imped-
ance sensors such as geophones. The gain
settings are binary weighted (x1, x2, x4, x8, x16,
x32, x64) and are selected using simple pin set-
tings. Two sets of external inputs, INA and INB,
simplify system design as inputs from a sensor and
test DAC. An internal 800
Ω termination can also be
selected for noise tests.
Amplifier noise performance is outstanding with a
noise density of 8.5
over the 0.1 Hz to
2 kHz bandwidth. Distortion performance is also ex-
tremely good, typically -121 dB THD at x1 gain. Flat
noise down to 0.1 Hz and low total harmonic distor-
tion make this amplifier ideal for low-frequency,
low-amplitude, differential signals requiring maxi-
mum dynamic range.
ORDERING INFORMATION
See page 15.
nV/ Hz
nV/ Hz
INA+
INB+
MUX0
MUX1
INB-
INA-
VA+
VA-
VD
GND
CLK
OUTR+
OUTF+
GAIN0
GAIN1
GAIN2
OUTF-
OUTR-
PWDN
+
-
-
+
MAR ‘07
DS757F1


Similar Part No. - CS3301A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301-IS CIRRUS-CS3301-IS Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301-IS CIRRUS-CS3301-IS Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301-ISZ CIRRUS-CS3301-ISZ Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
More results

Similar Description - CS3301A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3302 CIRRUS-CS3302_07 Datasheet
324Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
June 21, 2011
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
PGA855 TI-PGA855 Datasheet
2Mb / 28P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
APRIL 2023
PGA855 TI-PGA855_V01 Datasheet
3Mb / 42P
PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com