Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3301A Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS3301A
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301A Datasheet(HTML) 4 Page - Cirrus Logic

  CS3301A Datasheet HTML 1Page - Cirrus Logic CS3301A Datasheet HTML 2Page - Cirrus Logic CS3301A Datasheet HTML 3Page - Cirrus Logic CS3301A Datasheet HTML 4Page - Cirrus Logic CS3301A Datasheet HTML 5Page - Cirrus Logic CS3301A Datasheet HTML 6Page - Cirrus Logic CS3301A Datasheet HTML 7Page - Cirrus Logic CS3301A Datasheet HTML 8Page - Cirrus Logic CS3301A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS3301A
4
DS757F1
ANALOG CHARACTERISTICS
Notes: 4. Guaranteed by design and/or characterization.
5. Tested with a full scale input signal of 31.25 Hz.
Parameter
Symbol
CS3301A
Unit
Min
Typ
Max
Noise Performance
Input Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-0.18
0.40
µVp-p
Input Voltage Noise Density
f0 = 0.1 Hz to 2 kHz
VND
-8.5
12.0
Input Current Noise Density
(Note 4)IND
-100
-
Distortion Performance
Total Harmonic Distortion (Note 5)x1
x2
x4
x8
x16
x32
x64
THD
-
-
-
-
-
-
-
-121
-120
-120
-120
-120
-119
-116
-112
-
-
-
-
-
-
dB
Linearity (Note 5)x1
x2
x4
x8
x16
x32
x64
LIN
-
-
-
-
-
-
-
0.0000891
0.0001000
0.0001000
0.0001000
0.0001000
0.0001122
0.0001585
0.0002512
-
-
-
-
-
-
%
nV/ Hz
fA/ Hz
CS3301A In-Band Noise
0
5
10
15
20
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Frequency (Hz)
CS3301A Wide Band Noise
0
50
100
150
200
250
300
0.1
1
10
100
1000
10000 100000 1E+06
Frequency (Hz)
Figure 1. CS3301A Noise Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com