Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5341 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5341
Description  105 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5341_08 Datasheet HTML 10Page - Cirrus Logic CS5341_08 Datasheet HTML 11Page - Cirrus Logic CS5341_08 Datasheet HTML 12Page - Cirrus Logic CS5341_08 Datasheet HTML 13Page - Cirrus Logic CS5341_08 Datasheet HTML 14Page - Cirrus Logic CS5341_08 Datasheet HTML 15Page - Cirrus Logic CS5341_08 Datasheet HTML 16Page - Cirrus Logic CS5341_08 Datasheet HTML 17Page - Cirrus Logic CS5341_08 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
DS564F2
CS5341
Confidential Draft
3/11/08
3. TYPICAL CONNECTION DIAGRAM
FILT+
V
0.1
µF
A/D CONVERTER
SCLK
CS5341
MCLK
VQ
1
µF
+
RST
VA
L
1
µF
1.8 V to 5V
1
µF
+
+
SDOUT
GND
LRCK
Power Down
and Mode
Settings
Audio Data
Processor
Timing Logic
and Clock
0.1
µF
0.1
µF
0.1
µF
REFGND
1µF
+
AINL
AINR
3.3V to 5V
1
µF
+
0.1
µF
3.3V to 5V
Ω
5.1
V D
0.1
µF
Ω
10k
VL or GND
* Pull-up to VL for I
2S
Pull-down to GND for LJ
*
M0
M1
Analog Input Buffer
Figure 21
**
** Resistor may only be
used if VD is derived from
VA. If used, do not drive
any other logic from VD
***
*** Capacitor value affects
low frequency distortion
performance as described
in Section 4.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com