Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5341 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5341
Description  105 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5341_08 Datasheet HTML 13Page - Cirrus Logic CS5341_08 Datasheet HTML 14Page - Cirrus Logic CS5341_08 Datasheet HTML 15Page - Cirrus Logic CS5341_08 Datasheet HTML 16Page - Cirrus Logic CS5341_08 Datasheet HTML 17Page - Cirrus Logic CS5341_08 Datasheet HTML 18Page - Cirrus Logic CS5341_08 Datasheet HTML 19Page - Cirrus Logic CS5341_08 Datasheet HTML 20Page - Cirrus Logic CS5341_08 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DS564F2
17
CS5341
Confidential Draft
3/11/08
4.2.3
Master Clock
The CS5341 requires a Master clock (MCLK) which runs the internal sampling circuits and digital filters.
There is also an internal MCLK divider which is automatically activated based on the speed mode and
frequency of the MCLK. Table 3 shows a listing of the external MCLK/LRCK ratios that are required.
Table 4 lists some common audio output sample rates and the required MCLK frequency. Please note
that not all of the listed sample rates are supported when operating with a fast MCLK (512x, 256x, 128x
for Single-, Double-, and Quad-Speed Modes, respectively).
4.3
Serial Audio Interface
The CS5341 supports both I²S and Left-Justified serial audio formats. Upon start-up, the CS5341 will detect
the logic level on SDOUT (pin 4). A 10 k
Ω pull-up to VL is needed to select I²S format, and a 10 kΩ pull-
down to GND is needed to select Left-Justified format. Figures 19 and 20 illustrate the I²S and Left-Justified
audio formats. Please see Figures 13 through 16, for more information on the required timing for the two
serial audio interface formats. Also see Application Note AN282 for a detailed discussion of the serial audio
interface formats.
Single-Speed Mode
Double-Speed Mode
Quad-Speed Mode
MCLK/LRCK Ratio
256x, 512x
128x, 256x
64x*,128x
* Quad Speed, 64x only available in Master Mode.
Table 3. Master Clock (MCLK) Ratios
SAMPLE RATE (kHz)
MCLK (MHz)
32
8.192
44.1
11.2896
22.5792
48
12.288
24.576
64
8.192
88.2
11.2896
22.5792
96
12.288
24.576
192
12.288
24.576
Table 4. Master Clock (MCLK) Frequencies for Standard Audio Sample Rates
SD A T A
2 3 2 2
8
7
23 22
SCLK
LR C K
23 2 2
65
43
21
0
87
65
43
21
0
9
9
Left C hann el
R igh t C h a nne l
Figure 19. I²S Serial Audio Interface
SD AT A
2 3 2 2
7
6
23 2 2
SC L K
L RCK
23 22
54
32
10
8
76
54
32
10
8
9
9
Le ft C h a n nel
R igh t C h annel
Figure 20. Left-Justified Serial Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com