Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5341 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5341
Description  105 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5341_08 Datasheet HTML 11Page - Cirrus Logic CS5341_08 Datasheet HTML 12Page - Cirrus Logic CS5341_08 Datasheet HTML 13Page - Cirrus Logic CS5341_08 Datasheet HTML 14Page - Cirrus Logic CS5341_08 Datasheet HTML 15Page - Cirrus Logic CS5341_08 Datasheet HTML 16Page - Cirrus Logic CS5341_08 Datasheet HTML 17Page - Cirrus Logic CS5341_08 Datasheet HTML 18Page - Cirrus Logic CS5341_08 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DS564F2
15
CS5341
Confidential Draft
3/11/08
4. APPLICATIONS
4.1
Single-, Double-, and Quad-Speed Modes
The CS5341 can support output sample rates from 2 kHz to 200 kHz. The proper speed mode can be de-
termined by the desired output sample rate and the external MCLK/LRCK ratio, as shown in Table 1.
Table 1. Speed Modes and the Associated Output Sample Rates (Fs)
4.2
Operation as Either a Clock Master or Slave
The CS5341 supports operation as either a clock master or slave. As a clock master, the LRCK and SCLK
pins are outputs with the left/right and serial clocks synchronously generated on-chip. As a clock slave, the
LRCK and SCLK pins are inputs and require the left/right and serial clocks to be externally generated. The
selection of clock master or slave is made via the Mode pins as shown in Table 2.
Speed Mode
MCLK/LRCK
Ratio
Output Sample Rate Range (kHz)
Single-Speed Mode
512x
43 - 50
256x
2 - 50
Double-Speed Mode
256x
86 - 100
128x
4 - 100
Quad-Speed Mode
128x
172 - 200
64x*
100 - 200
* Quad-Speed Mode, 64x only available in Master Mode.
M1 (Pin 16)
M0 (Pin 1)
MODE
00
Clock Master, Single-Speed Mode
01
Clock Master, Double-Speed Mode
10
Clock Master, Quad-Speed Mode
11
Clock Slave, All Speed Modes
Table 2. CS5341 Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com