Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5341 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5341
Description  105 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5341_08 Datasheet HTML 14Page - Cirrus Logic CS5341_08 Datasheet HTML 15Page - Cirrus Logic CS5341_08 Datasheet HTML 16Page - Cirrus Logic CS5341_08 Datasheet HTML 17Page - Cirrus Logic CS5341_08 Datasheet HTML 18Page - Cirrus Logic CS5341_08 Datasheet HTML 19Page - Cirrus Logic CS5341_08 Datasheet HTML 20Page - Cirrus Logic CS5341_08 Datasheet HTML 21Page - Cirrus Logic CS5341_08 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DS564F2
19
CS5341
Confidential Draft
3/11/08
4.8
Capacitor Size on the Reference Pin (FILT+)
The CS5341 requires an external capacitance on the internal reference voltage pin, FILT+. The size of this
decoupling capacitor will affect the low frequency distortion performance as shown in Figure 22, with larger
capacitor values used to optimize low frequency distortion performance. This plot was taken using the
CDB5341 evaluation platform, with the device running in Single-Speed Mode and VA=VD=VL=5 V.
Figure 22. CS5341 THD+N versus Frequency
47 uF
100 uF
22 uF
10 uF
6.8 uF
4.7 uF
3.3 uF
2.2 uF
1 uF
5.6 uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com