Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5341 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5341
Description  105 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5341 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5341_08 Datasheet HTML 1Page - Cirrus Logic CS5341_08 Datasheet HTML 2Page - Cirrus Logic CS5341_08 Datasheet HTML 3Page - Cirrus Logic CS5341_08 Datasheet HTML 4Page - Cirrus Logic CS5341_08 Datasheet HTML 5Page - Cirrus Logic CS5341_08 Datasheet HTML 6Page - Cirrus Logic CS5341_08 Datasheet HTML 7Page - Cirrus Logic CS5341_08 Datasheet HTML 8Page - Cirrus Logic CS5341_08 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
Features
Advanced Multi-bit Delta-Sigma Architecture
24-bit Conversion
Supports All Audio Sample Rates Including
192 kHz
105 dB Dynamic Range at 5 V
-98 dB THD+N
90 mW Power Consumption
High-Pass Filter to Remove DC Offsets
Analog/Digital Core Supplies from 3.3 V to 5 V
Supports Logic Levels between 1.8 V and 5 V
Auto-Detect Mode Selection in Slave Mode
Auto-Detect MCLK Divider
General Description
The CS5341 is a complete analog-to-digital converter
for digital audio systems. It performs sampling, analog-
to-digital conversion, and anti-alias filtering, generating
24-bit values for both left and right inputs in serial form
at sample rates up to 200 kHz per channel.
The CS5341 uses a 5th-order, multi-bit Delta-Sigma
modulator followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The CS5341 is available in a 16-pin TSSOP package
for Commercial (-10° to +70° C) and Automotive grades
(-40° to +85° C). The CDB5341 Customer Demonstra-
tion Board is also available for device evaluation and
implementation suggestions. Please refer to “Ordering
Information”
on
page 22
for
complete
ordering
information.
The CS5341 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as set-top boxes, DVD-karaoke players, DVD record-
ers, A/V receivers, and automotive applications.
High-Pass
Filter
Low-Latency
Digital Filters
High-Pass
Filter
VA
3.3 V to 5 V
Internal
Reference
Voltages
Switch-Cap
ADC
VD
3.3 V to 5 V
VL
1.8 V to 5 V
Auto-detect
MCLK Divider
Slave Mode
Auto-detect
Master Clock
Reset
Single-Ended
Analog Input
Low-Latency
Digital Filters
Switch-Cap
ADC
Mode
Configuration
Single-Ended
Analog Input
SCLK
LRCK
SDOUT
M0
M1
FILT+
VQ
AINR
AINL
March '08
DS564F2
Confidential Draft
3/11/08
CS5341


Similar Part No. - CS5341_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5341_08

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com