Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5534-AS Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS5534-AS
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5534-AS Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS5534-AS Datasheet HTML 41Page - Cirrus Logic CS5534-AS Datasheet HTML 42Page - Cirrus Logic CS5534-AS Datasheet HTML 43Page - Cirrus Logic CS5534-AS Datasheet HTML 44Page - Cirrus Logic CS5534-AS Datasheet HTML 45Page - Cirrus Logic CS5534-AS Datasheet HTML 46Page - Cirrus Logic CS5534-AS Datasheet HTML 47Page - Cirrus Logic CS5534-AS Datasheet HTML 48Page - Cirrus Logic CS5534-AS Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
45
SDI - Serial Data Input.
SDI is the input pin of the serial input port. Data will be input at a rate determined by SCLK.
SDO - Serial Data Output.
SDO is the serial data output. It will output a high impedance state if CS = 1.
SCLK - Serial Clock Input.
A clock signal on this pin determines the input/output rate of the data for the SDI/SDO pins
respectively. This input is a Schmitt trigger to allow for slow rise time signals. The SCLK pin
will recognize clocks only when CS is low.
A0 - Logic Output (Analog)/Guard, A1 - Logic Output (Analog).
The logic states of A1-A0 mimic the OL1-OL0 bits in the selected Setup, or the A1-A0 bits in
the Configuration Register, depending on the state of the OLS bit in the Configuration Register.
Logic Output 0 = VA-, and Logic Output 1 = VA+. Alternately, A0 can be used as a guard drive
for the instrumentation amplifier with proper setting of the GB bit in the Configuration Register.
Measurement and Reference Inputs
AIN1+, AIN1-, AIN2+, AIN2- AIN3+, AIN3-, AIN4+, AIN4- - Differential Analog Input.
Differential input pins into the device.
VREF+, VREF- - Voltage Reference Input.
Fully differential inputs which establish the voltage reference for the on-chip modulator.
C1, C2 - Amplifier Capacitor Inputs.
Connections for the instrumentation amplifier’s capacitor.
Power Supply Connections
VA+ - Positive Analog Power.
Positive analog supply voltage.
VD+ - Positive Digital Power.
Positive digital supply voltage (nominally +3.0 V or +5 V).
VA- - Negative Analog Power.
Negative analog supply voltage.
DGND - Digital Ground.
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com