Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5534-AS Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5534-AS
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5534-AS Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5534-AS Datasheet HTML 21Page - Cirrus Logic CS5534-AS Datasheet HTML 22Page - Cirrus Logic CS5534-AS Datasheet HTML 23Page - Cirrus Logic CS5534-AS Datasheet HTML 24Page - Cirrus Logic CS5534-AS Datasheet HTML 25Page - Cirrus Logic CS5534-AS Datasheet HTML 26Page - Cirrus Logic CS5534-AS Datasheet HTML 27Page - Cirrus Logic CS5534-AS Datasheet HTML 28Page - Cirrus Logic CS5534-AS Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
25
from VA+ and VA-. Their output voltage will be
limited to the VA+ voltage for a logic 1 and VA-
for a logic 0.
2.3.7. Offset and Gain Select
The Offset and Gain Select bit (OGS) is used to se-
lect the source of the calibration registers to use
when performing conversions and calibrations.
When the OGS bit is set to ‘0’, the offset and gain
registers corresponding to the desired physical
channel (CS1-CS0 in the selected Setup) will be ac-
cessed. When the OGS bit is set to ‘1’, the offset
and gain registers pointed to by the OG1-OG0 bits
in the selected Setup will be accessed. This feature
allows multiple calibration values (e.g. for different
gain settings) to be used on a single physical chan-
nel without having to re-calibrate or manipulate the
calibration registers.
2.3.8. Filter Rate Select
The Filter Rate Select bit (FRS) modifies the output
word rates of the converter to allow either 50 Hz or
60 Hz
rejection
when
operating
from
a
4.9152 MHz crystal. If FRS is cleared to logic 0,
the word rates and corresponding filter characteris-
tics can be selected (using the Channel Setup Reg-
isters) from 7.5, 15, 30, 60, 120, 240, 480, 960,
1920, or 3840 Sps when using a 4.9152 MHz clock.
If FRS is set to logic 1, the word rates and corre-
sponding filter characteristics scale by a factor of
5/6, making the selectable word rates 6.25, 12.5,
25, 50, 100, 200, 400, 800, 1600, and 3200 Sps
when using a 4.9152 MHz clock. When using other
clock frequencies, these selectable word rates will
scale linearly with the clock frequency that is used.
VREF
C= 14pF
f=
2
φ Fine
1
V
≤ 8mV
i= fV
C
os
os
n
φ Coarse
MCLK
16
VRS = 1; 1 V
≤ V
≤ 2.5 V
REF
Figure 9. Input Reference Model when VRS = 1
VREF
C= 7 pF
f=
2
φ Fine
1
V
≤ 16 mV
i= fV
C
os
os
n
φ Coarse
MCLK
16
VRS = 0; 2.5 V < V
≤ VA+
REF
Figure 10. Input Reference Model when VRS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com