Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5534-AS Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5534-AS
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5534-AS Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5534-AS Datasheet HTML 28Page - Cirrus Logic CS5534-AS Datasheet HTML 29Page - Cirrus Logic CS5534-AS Datasheet HTML 30Page - Cirrus Logic CS5534-AS Datasheet HTML 31Page - Cirrus Logic CS5534-AS Datasheet HTML 32Page - Cirrus Logic CS5534-AS Datasheet HTML 33Page - Cirrus Logic CS5534-AS Datasheet HTML 34Page - Cirrus Logic CS5534-AS Datasheet HTML 35Page - Cirrus Logic CS5534-AS Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
CS5531/32/33/34-AS
32
DS289F5
2.5.6. System Calibration
For the system calibration functions, the user must
supply the converter’s calibration signals which rep-
resent ground and full scale. When a system offset
calibration is performed, a ground-referenced signal
must be applied to the converters. Figure 13 illus-
trates system offset calibration.
As shown in Figure 14, the user must input a signal
representing the positive full-scale point to perform
a system gain calibration. In either case, the cali-
bration signals must be within the specified calibra-
tion limits for each specific calibration step (refer
to the System Calibration Specifications).
2.5.7. Calibration Tips
Calibration steps are performed at the output word
rate selected by the WR2-WR0 bits of the channel
setup registers. Due to limited register lengths in
the faster word-rate filters (240 Sps and higher),
channels that are used at these rates should also be
calibrated in one of these word rates, and channels
used in the lower word rates (120 Sps and lower)
should be calibrated at one of these lower rates.
Since higher word rates result in conversion words
with more peak-to-peak noise, calibration should
be performed at the lowest possible output word
rate for maximum accuracy. For the 7.5 Sps to 120
Sps word rate settings, calibrations can be per-
formed at 7.5 Sps, and for 240 Sps and higher, cal-
ibration can be performed at 240 Sps. To minimize
digital noise near the device, the user should wait
for each calibration step to be completed before
reading or writing to the serial port. Reading the
calibration registers and averaging multiple cali-
brations together can produce a more accurate cal-
ibration result. Note that accessing the ADC’s
serial port before a calibration has finished may re-
sult in the loss of synchronization between the mi-
+
+
_
_
AIN+
AIN-
1X GAIN
Figure 11. Self-calibration of Offset
AIN+
AIN-
OPEN
+
-
XGAIN
+
-
OPEN
CLOSED
VREF+
CLOSED
VREF-
+
-
Reference
Figure 12. Self-calibration of Gain
+
-
XGAIN
+
-
External
Connections
0V
+
-
AIN+
AIN-
CM +
-
Figure 13. System Calibration of Offset
+
-
XGAIN
+
-
External
Connections
Full Scale +
-
AIN+
AIN-
CM +
-
Figure 14. System Calibration of Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com